Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M40-6000946 Datasheet(PDF) 1 Page - Harwin Plc

Part # M40-6000946
Description  1.00mm PITCH SMT PLUG CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

M40-6000946 Datasheet(HTML) 1 Page - Harwin Plc

  M40-6000946 Datasheet HTML 1Page - Harwin Plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - M40-6000946

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M40-6000946R HARWIN-M40-6000946R Datasheet
178Kb / 2P
   1.00mm PITCH SMT PLUG CONNECTOR
More results

Similar Description - M40-6000946

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M40-6000946R HARWIN-M40-6000946R Datasheet
178Kb / 2P
   1.00mm PITCH SMT PLUG CONNECTOR
logo
Wurth Elektronik GmbH &...
658158303064 WURTH-658158303064 Datasheet
248Kb / 5P
   1.00mm SMT Male Shrouded Vertical Plug 8.35mm Height WRBTB
658156303064 WURTH-658156303064 Datasheet
256Kb / 5P
   1.00mm SMT Male Shrouded Vertical Plug 6.35mm Height WRBTB
logo
Harwin Plc
M40-3200345R HARWIN-M40-3200345R Datasheet
145Kb / 2P
   1.00mm PITCH DIL SMT PIN HEADER ASSEMBLY
logo
Molex Electronics Ltd.
732390550 MOLEX-732390550 Datasheet
78Kb / 1P
   MX-VNA 1.00MM PLUG TO 1.00MM PLUG CABLE ASSEMBLY
2023/04/24
logo
Harwin Plc
M40-3020546 HARWIN-M40-3020546 Datasheet
245Kb / 2P
   WAFER 1.00mm DIL SMT TYPE
logo
Molex Electronics Ltd.
5024307030 MOLEX11-5024307030 Datasheet
526Kb / 7P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm
5024306410 MOLEX11-5024306410 Datasheet
485Kb / 7P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm
5024302430 MOLEX11-5024302430 Datasheet
526Kb / 7P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm
logo
YEONHO ELECTRONICS
FCZ100E-SSK YEONHO-FCZ100E-SSK Datasheet
253Kb / 1P
   1.00mm PITCH CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com