Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLA140 Datasheet(PDF) 3 Page - Clare, Inc.

Part # PLA140
Description  Single Pole OptoMOS Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA140 Datasheet(HTML) 3 Page - Clare, Inc.

  PLA140 Datasheet HTML 1Page - Clare, Inc. PLA140 Datasheet HTML 2Page - Clare, Inc. PLA140 Datasheet HTML 3Page - Clare, Inc. PLA140 Datasheet HTML 4Page - Clare, Inc. PLA140 Datasheet HTML 5Page - Clare, Inc. PLA140 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PLA140
www.clare.com
Rev. 5
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
3
PLA140
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C;
IF = 5mADC)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
PLA140
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 250mADC; IF = 5mADC)
35
30
25
20
15
10
5
0
5.38
6.08
6.78
5.03
5.73
6.43
On-Resistance (
Ω)
PLA140
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
430
442
478
490
Blocking Voltage (V)
454
466
PLA140
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 250mADC
25
20
15
10
5
0
2.1
1.5
3.9
0.9
2.7
Current (mA)
)
3.3
PLA140
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 250mADC
25
20
15
10
5
0
2.1
1.5
4.5
3.9
2.7
Current (mA)
)
3.3
PLA140
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 250mADC; IF = 5mADC)
0.65
1.17
1.69
0.39
0.91
1.43
Turn-On (ms)
25
20
15
10
5
0
PLA140
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 250mADC; I
F = 5mADC)
0.030
0.018
0.042
0.054
0.066
0.078
Turn-Off (ms)
25
20
15
10
5
0
PLA140
Typical Load Current vs. Temperature
Temperature (
°C)
350
300
250
200
150
100
-40
-20
0
20
40
60
80
120
100
20mA
10mA
5mA
PLA140
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6)
Temperature (
°C)
-40
0.12
0.10
0.08
0.06
0.04
0.02
0
-20
0
20
40
60
80
100
PLA140
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
485
480
475
470
465
460
455
450
445
-20
0
20
40
60
80
100
PLA140
Typical Turn-On vs. Temperature
(Load Current = 250mADC)
Temperature (
°C)
-40
2.50
2.00
1.50
1.00
0.50
0
-20
0
20
40
60
80
100
20mA
10mA
5mA
PLA140
Typical Turn-Off vs. Temperature
(Load Current = 250mADC)
Temperature (
°C)
-40
0.070
0.060
0.050
0.040
0.030
0.020
0.010
0
-20
0
20
40
60
80
100
5mA


Similar Part No. - PLA140

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
PLA140 IXYS-PLA140 Datasheet
127Kb / 7P
   Single-Pole Normally Open OptoMOS Relay
logo
Clare, Inc.
PLA140L CLARE-PLA140L Datasheet
138Kb / 6P
   Single Pole OptoMOS Relays
logo
IXYS Corporation
PLA140L IXYS-PLA140L Datasheet
123Kb / 7P
   Single-Pole, Normally Open, Current-Limiting OptoMOS Relay
logo
Clare, Inc.
PLA140LS CLARE-PLA140LS Datasheet
138Kb / 6P
   Single Pole OptoMOS Relays
logo
IXYS Corporation
PLA140LS IXYS-PLA140LS Datasheet
123Kb / 7P
   Single-Pole, Normally Open, Current-Limiting OptoMOS Relay
More results

Similar Description - PLA140

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
   Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
   Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
   Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
   Single Pole OptoMOS Relay
TS122 CLARE-TS122 Datasheet
120Kb / 8P
   Single Pole OptoMOS Relay
XCA170 CLARE-XCA170 Datasheet
99Kb / 7P
   SINGLE POLE OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
   SINGLE POLE OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
   Single Pole OptoMOS Relay
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
   Single-Pole OptoMOS Relay
logo
Clare, Inc.
LCA182 CLARE-LCA182 Datasheet
1Mb / 5P
   Single Pole OptoMOS Relay
LCA100 CLARE-LCA100 Datasheet
102Kb / 6P
   Single Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com