Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PAA110 Datasheet(PDF) 4 Page - Clare, Inc.

Part No. PAA110
Description  Single Pole OptoMOS Relays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PAA110 Datasheet(HTML) 4 Page - Clare, Inc.

  PAA110 Datasheet HTML 1Page - Clare, Inc. PAA110 Datasheet HTML 2Page - Clare, Inc. PAA110 Datasheet HTML 3Page - Clare, Inc. PAA110 Datasheet HTML 4Page - Clare, Inc. PAA110 Datasheet HTML 5Page - Clare, Inc. PAA110 Datasheet HTML 6Page - Clare, Inc. PAA110 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.clare.com
4
PAA110
Rev. 3.0
PERFORMANCE DATA*
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PAA110
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
PAA110
Typical Turn-On vs. LED Forward Current
(Load Current = 150mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
50
PAA110
Typical Turn-Off vs. LED Forward Current
(Load Current = 150mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.12
0.10
0.08
0.06
0.04
0.02
0
50
PAA110
Typical On-Resistance vs. Temperature
(Load Current = 150mADC; IF = 5mADC)
Temperature (
°C)
-40
25
20
15
10
5
0
-20
0
20
40
60
80
100
PAA110
Typical IF for Switch Operation
vs. Temperature
(Load Current = 150mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
PAA110
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 150mA)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
PAA110
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 5mADC
Load Voltage (V)
150
100
50
0
-50
-100
-150
-2.5 -2.0 -1.5 -1.0 -0.5
0
1.5
1.0
0.5
2.0 2.5
PAA110
Energy Rating Curve
Time
10
µs
1.2
1.0
0.8
0.6
0.4
0.2
0
1ms
100
µs
100ms
1s
10ms
10s
100s


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PAA190 Dual Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
PLA191 Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
PAA191 Dual Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
LCA126 Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
PLA110L Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
PAA140 Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
LAA125L Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
PLA192 Single Pole OptoMOS Relays 1  2  3  4  5  Clare, Inc.
LAA126L Single Pole OptoMOS Relays 1  2  3  4  Clare, Inc.
PLA110 Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn