Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PAA110 Datasheet(PDF) 1 Page - Clare, Inc.

Part No. PAA110
Description  Single Pole OptoMOS Relays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PAA110 Datasheet(HTML) 1 Page - Clare, Inc.

  PAA110 Datasheet HTML 1Page - Clare, Inc. PAA110 Datasheet HTML 2Page - Clare, Inc. PAA110 Datasheet HTML 3Page - Clare, Inc. PAA110 Datasheet HTML 4Page - Clare, Inc. PAA110 Datasheet HTML 5Page - Clare, Inc. PAA110 Datasheet HTML 6Page - Clare, Inc. PAA110 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Part #
Description
PAA110
8 Pin DIP (50/Tube)
PAA110P
8 Pin Flatpack (50/Tube)
PAA110PTR
8 Pin Flatpack (1000/Reel)
PAA110S
8 Pin Surface Mount (50/Tube)
PAA110STR
8 Pin Surface Mount (1000/Reel)
PAA110
Units
Load Voltage
400
V
Load Current
150
mA
Max R
ON
22
www.clare.com
DS-PAA110-R3.0
PAA110
Single Pole OptoMOS® Relays
1
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
Small 8 Pin DIP Package
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
3750V
RMS Input/Output Isolation
VDE Compatible
FCC Compatible
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Surface Mount and Tape & Reel Versions Available
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket
Size)
Hookswitch
Dial Pulsing
Ground Start
Ringer Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
PAA110 is a 400V, 150mA, 22
Ω 2-Form-A relay. This
performance leader provides high peak load voltage
handling capability and improved peak load current
handling.
UL Recognized: File Number E76270
CSA Certified: File Number LR 43639-10
BSI Certified:
BS EN 60950:1992 (BS7002:1992)
Certificate #:7344
BS EN 41003:1993
Certificate #:7344
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
PAA110 Pinout
AC/DC Configuration


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PAA190 Dual Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
PLA191 Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
PAA191 Dual Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
LCA126 Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
PLA110L Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
PAA140 Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
LAA125L Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
PLA192 Single Pole OptoMOS Relays 1  2  3  4  5  Clare, Inc.
LAA126L Single Pole OptoMOS Relays 1  2  3  4  Clare, Inc.
PLA110 Single Pole OptoMOS Relays 1  2  3  4  5  More Clare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn