Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OMA160 Datasheet(PDF) 4 Page - Clare, Inc.

Part No. OMA160
Description  Single Pole OptoMOS Relay
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CLARE [Clare, Inc.]
Homepage  http://www.clare.com
Logo CLARE - Clare, Inc.

OMA160 Datasheet(HTML) 4 Page - Clare, Inc.

  OMA160 Datasheet HTML 1Page - Clare, Inc. OMA160 Datasheet HTML 2Page - Clare, Inc. OMA160 Datasheet HTML 3Page - Clare, Inc. OMA160 Datasheet HTML 4Page - Clare, Inc. OMA160 Datasheet HTML 5Page - Clare, Inc. OMA160 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
OMA160
Rev. 6
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
OMA160
Typical Turn-Off vs. LED Forward Current
(Load Current = 50mADC)
LED Forward Current (mA)
0
5
1015202530354045
50
0.040
0.035
0.030
0.025
0.020
0.015
OMA160
Typical On-Resistance vs. Temperature
(Load Current = 50mADC; IF = mADC)
Temperature (
°C)
-40
70
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
OMA160
Typical LED Forward Voltage Drop (V)
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
OMA160
Typical Turn-On vs. LED Forward Current
(Load Current = 50mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
50
OMA160
Typical IF for Switch Operation
vs. Temperature
(Load Current = 50mADC)
Temperature (
°C)
-40
5.000
4.500
4.000
3.500
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
OMA160
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 10mADC
Load Voltage (V)
50
40
30
20
10
0
-10
-20
-30
-40
-50
-3
-2
-1
0
1
2
3
OMA160
Energy Rating Curve
Time
10
µs
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
1ms
100
µs
100ms
1s
10ms
10s
100s
OMA160
Typical IF for Switch Dropout
vs. Temperature
Temperature (
°C)
-40
5.000
4.500
4.000
3.500
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LCA120Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLA160Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
LCA120LSingle Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLA190Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
LCA125LSingle Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLA193Single Pole OptoMOS Relay 1 2 3 4 Clare, Inc.
LCA127SINGLE POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLB150SINGLE POLE OptoMOS Relay 1 2 3 4 Clare, Inc.
LCA127LSINGLE POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
TS122Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn