Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OMA160 Datasheet(PDF) 3 Page - Clare, Inc.

Part No. OMA160
Description  Single Pole OptoMOS Relay
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CLARE [Clare, Inc.]
Homepage  http://www.clare.com
Logo 

OMA160 Datasheet(HTML) 3 Page - Clare, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OMA160
www.clare.com
Rev. 6
3
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
OMA160
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
367.5
381.5
395.5
402.5
374.5
388.5
Blocking Voltage (V)
OMA160
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
400
395
390
385
380
375
370
365
-20
0
20
40
60
80
100
OMA160
Typical Turn-On vs. Temperature
(Load Current = 50mADC)
Temperature (
°C)
10mA
20mA
-40
1.50
1.25
1.00
0.75
0.50
0.25
0
-20
0
20
40
60
80
100
OMA160
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 50mADC)
2.075
2.975
1.625
2.525
3.425
3.875
LED Current (mA)
25
20
15
10
5
0
OMA160
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 50mADC
25
20
15
10
5
0
2.075
2.975
1.625
2.525
3.425
3.875
LED Current (mA)
)
OMA160
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 50mADC; IF = 10mADC)
35
30
25
20
15
10
5
0
42.5
44.5
46.5
47.5
43.5
45.5
On-Resistance (
Ω)
OMA160
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 50mADC; IF = 10mADC)
0.05
0.09
0.13
0.15
0.07
0.11
Turn-On (ms)
30
25
20
15
10
5
0
OMA160
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 50mADC; IF = 10mADC)
0.012
0.022
0.032
0.037
0.027
0.017
Turn-Off (ms)
25
20
15
10
5
0
OMA160
Typical Load Current vs. Temperature
Temperature (
°C)
100
90
80
70
60
50
40
30
20
10
0
-40
-20
0
20
40
60
80
120
100
30mA
20mA
10mA
OMA160
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6)
Temperature (
°C)
-40
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
OMA160
Typical Turn-Off vs. Temperature
(Load Current = 50mADC)
Temperature (
°C)
-40
0.050
0.045
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
10mA
OMA160
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 10mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LCA120Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLA160Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
LCA120LSingle Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLA190Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
LCA125LSingle Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLA193Single Pole OptoMOS Relay 1 2 3 4 Clare, Inc.
LCA127SINGLE POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLB150SINGLE POLE OptoMOS Relay 1 2 3 4 Clare, Inc.
LCA127LSINGLE POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
TS122Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn