Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OMA160 Datasheet(PDF) 2 Page - Clare, Inc.

Part No. OMA160
Description  Single Pole OptoMOS Relay
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CLARE [Clare, Inc.]
Homepage  http://www.clare.com
Logo 

OMA160 Datasheet(HTML) 2 Page - Clare, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
OMA160
Rev. 6
Absolute Maximum Ratings (@ 25˚ C)
2
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure
of the device to the absolute maximum ratings for an
extended period may degrade the device and effect its
reliability.
Parameter
Min
Typ
Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Total Power Dissipation
-
-
8002
mW
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
DIP Package
-
-
+260
°C
Surface Mount Package
-
-
+220
°C
(10 Seconds Max.)
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C
Electrical Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Voltage (Peak)
-
V
L
-
-
250
V
Load Current (Continuous)
AC/DC Configuration
-
I
L
--
50
mA
DC Configuration
-
I
L
--
80
mA
Peak Load Current
10ms
I
LPK
-
-
100
mA
On-Resistance
AC/DC Configuration
I
L=50mA
R
ON
-
50
100
DC Configuration
I
L=80mA
-
15
30
Off-State Leakage Current
V
L=250V
I
LEAK
--
25
nA
Switching Speeds
Turn-On
I
F=10mA,VL=10V
T
ON
-
-
0.125
ms
Turn-Off
I
F=10mA,VL=10V
T
OFF
-
-
0.125
ms
Output Capacitance
50V, f=1MHz
C
OUT
-5
-
pF
Capacitance
Input to Output
-
-
-
3
-
pF
Input Characteristics @ 25°C
Input Control Current
I
L=50mA
I
F
10
-
50
mA
Input Dropout Current
-
I
F
0.4
0.7
-
mA
Input Voltage Drop
I
F=10mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-3
-
pF
Input to Output Isolation
-
V
I/O
3750
-
-
V
RMS


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LCA120Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLA160Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
LCA120LSingle Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLA190Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
LCA125LSingle Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLA193Single Pole OptoMOS Relay 1 2 3 4 Clare, Inc.
LCA127SINGLE POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLB150SINGLE POLE OptoMOS Relay 1 2 3 4 Clare, Inc.
LCA127LSINGLE POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
TS122Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn