Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OMA160 Datasheet(PDF) 1 Page - Clare, Inc.

Part No. OMA160
Description  Single Pole OptoMOS Relay
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CLARE [Clare, Inc.]
Homepage  http://www.clare.com
Logo CLARE - Clare, Inc.

OMA160 Datasheet(HTML) 1 Page - Clare, Inc.

  OMA160 Datasheet HTML 1Page - Clare, Inc. OMA160 Datasheet HTML 2Page - Clare, Inc. OMA160 Datasheet HTML 3Page - Clare, Inc. OMA160 Datasheet HTML 4Page - Clare, Inc. OMA160 Datasheet HTML 5Page - Clare, Inc. OMA160 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.clare.com
OMA160
DS-OMA160-R6
OMA160 is a 250V, 50mA, 100
Ω 1-Form-A relay. It fea-
tures high speed switching capability.
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket Size)
Hookswitch
Dial Pulsing
Ground Start
Ringer Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
Small 6 Pin DIP Package
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
3750V
RMS Input/Output Isolation
FCC Compatible
VDE Compatible
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Surface Mount and Tape & Reel Versions Available
Applications
Features
Description
Single Pole OptoMOS® Relay
Ordering Information
Part #
Description
OMA160
6 Pin DIP (50/Tube)
OMA160S
6 Pin Surface Mount (50/Tube)
OMA160STR
6 Pin Surface Mount (1000/Reel)
Pin Configuration
OMA160
Units
Load Voltage
250
V
Load Current
50
mA
Max R
ON
100
UL Recognized: File Number E76270
CSA Certified: File Number LR 43639-10
BSI Certified:
BS EN 60950:1992 (BS7002:1992)
Certificate #:7344
BS EN 41003:1993
Certificate #:7344
Approvals
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
1
2
3
+ Control
– Control
Do Not Use
6
5
4
Load
Do Not Use
Load
OMA160 Pinout
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration
OMA160 Pinout
Switching Characteristics of Normally
Open (Form A) Devices


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LCA120Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLA160Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
LCA120LSingle Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLA190Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
LCA125LSingle Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLA193Single Pole OptoMOS Relay 1 2 3 4 Clare, Inc.
LCA127SINGLE POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLB150SINGLE POLE OptoMOS Relay 1 2 3 4 Clare, Inc.
LCA127LSINGLE POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
TS122Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn