Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ140 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMAJ140
Description  400Watts Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMAJ140 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMAJ140 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ140 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ140 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ140 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
For surface mounted application
Low profile package
Built-in strain relief
Glass passivated junction
Excellent clamping capability
Fast response time: Typically less than 1.0ps
from 0 volt to BV min.
Typical IR less than 1
µA above 10V
High temperature soldering guaranteed:
260
oC / 10 seconds at terminals
Plastic material used carries Underwriters
Laboratory Flammability Classification 94V-0
400 watts peak pulse power capability with a 10
x 1000 us waveform by 0.01% duty cycle
(300W above 78V).
Mechanical Data
Case: Molded plastic
Terminals: Pure tin plated lead free,
Polarity: Indicated by cathode band
Standard packaging: 12mm tape
Weight: 0.064 gram
Maximum Ratings and Electrical Characteristics
Rating at 25
OC ambient temperature unless otherwise specified.
Type Number
Symbol
Value
Units
P
eak Power Dissipation at TA=25
oC, Tp=1ms(Note 1)
PPK
Minimum 400
Watts
Steady State Power Dissipation
Pd
1
Watts
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 2, 3)
IFSM
40.0
Amps
Maximum Instantaneous Forward Voltage at 25.0A for
Unidirectional Only
VF
3.5
Volts
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 150
oC
Notes:
1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
oC Per Fig. 2.
2. Mounted on 5.0mm
2 (.013 mm Thick) Copper Pads to Each Terminal.
3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per
Minute Maximum.
Devices for Bipolar Applications
1.
For Bidrectional Use C or CA Suffix for Types SMAJ5.0 through Types SMAJ188.
2.
Electrical Characteristics Apply in Both Directions.
SMAJ SERIES
400Watts Surface Mount Transient Voltage Suppressor
http://www.luguang.cn
mail:lge@luguang.cn
SMA/DO-214AC
0. 181( 4. 60)
0. 161( 4. 10)
0. 209( 5. 30)
0. 193( 4. 90)
0. 063(1.60)
0. 051(1.30)
0. 108( 2. 75)
0. 096( 2. 45)
Dimensions in inches and(millimeters)
0. 059( 1. 50)
0. 035( 0. 90)
0. 012(0.30)
0. 006(0.15)
0. 002(0.05)
0
.078(2.00)
0.096(2.45)
0.008(0.20)


Similar Part No. - SMAJ140

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMAJ140 SOCAY-SMAJ140 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMAJ140 LUGUANG-SMAJ140 Datasheet
2Mb / 4P
   Transient Voltage Suppressors
Revision:20170301-P1
logo
Socay Electornics Co., ...
SMAJ140 SOCAY-SMAJ140 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ140 SOCAY-SMAJ140 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ140 SOCAY-SMAJ140 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMAJ140

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMAJ LUGUANG-SMAJ_13 Datasheet
226Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
SMAJ5.0 LUGUANG-SMAJ5.0 Datasheet
844Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
SMAJ5.0 LUGUANG-SMAJ5.0 Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com