Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M-991-02SMTR Datasheet(PDF) 2 Page - Clare, Inc.

Part # M-991-02SMTR
Description  Call Progress Tone Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M-991-02SMTR Datasheet(HTML) 2 Page - Clare, Inc.

  M-991-02SMTR Datasheet HTML 1Page - Clare, Inc. M-991-02SMTR Datasheet HTML 2Page - Clare, Inc. M-991-02SMTR Datasheet HTML 3Page - Clare, Inc. M-991-02SMTR Datasheet HTML 4Page - Clare, Inc. M-991-02SMTR Datasheet HTML 5Page - Clare, Inc. M-991-02SMTR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
Storage Temperature
-55° to 125° C
Operating Ambient Temperature
-25° to 70° C
Operating Ambient Temperature
-40° to 85° C
for the M-991-02SM
V
DD
7.0V
Any Input Voltage
V
SS -0.6 to VDD +0.6V
Note:
1. Exceeding these ratings may permanently damage the M-991.
www.clare.com
2
M-991
Rev. 1
7. At XOUT pin as compared to 3.579545 MHz.
8. OUTDRIVE with load >5 KW/OUTDRIVE with
540 W load.
9. Resistance at V
REF to VDD or VSS > 1 MW.
10. Crystal oscillator active.
11. Measured 90% to 10%.
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure of
the device to the absolute maximum ratings for an extend-
ed period may degrade the device and effect its reliability.
Specifications
Parameter
Min
Typ
Max
Units
Notes
Power Supply
V
DD
4.75
-
5.25
V
1
and Reference
Current Drain, IDD
-
2.0/4.0
-
mA
8
V
REF Pin:
Deviation from (V
DD + VSS)/2
-2
-
+2
%
Internal Resistance from V
REF
3.25
-
6.75
k
to V
DD, VSS
Oscillator
Frequency Deviation
-0.01
-
+0.01
%
7
External Clock: (XOUT open)
V
IL
0
-
0.2
V
V
IH
V
DD - 0.2
-
V
DD
V
Duty Cycle
40
-
60
%
XIN, XOUT Loading:
Capacitance
-
-
10
pF
10
Resistance
20
-
-
M
-
Tone Output
Frequency Deviation
-0.5
-
+0.5
%
-
Level
100
-
180
mV
2
Distorting Components
-35
-
-
dB
3
Idle
-
-
-60
dBm
4
OUTDRIVE Envelope Rise Time
-
-
4
ms
5
Control
DX, CE Pns:
V
IL
-
-
0.5
V
6
V
IH
2.5
-
-
V
Mute Pins:
VOL (I
SINK = -100 µA)
-
-
1.5
V
V
OH (ISOURCE = 100 µA)
V
DD - 1.5
-
-
V
Timing
Data Setup (t
DS)
200
-
-
ns
11
Data Hold (t
DH)10
-
-
ns
Chip Enable Fall (t
PL)-
-
90
ns
Tone On Delay (t
TO)-
-
5
ms
Tone Off Delay (t
TD)-
-
5
ms
Mute Delay from Outdrive (t
MO)
-
-
200
ns
Notes: (unless otherwise specified)
1. All DC voltages are referenced to V
SS.
2. Vrms per tone, 540 W load.
3. Any one frequency relative to the lowest level output tone (f<4000 Hz).
4. 0 dBm = 0.775 Vrms.
5. To 90% maximum amplitude.
6. For all supply voltages in the operating range.


Similar Part No. - M-991-02SMTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-993 CLARE-M-993 Datasheet
140Kb / 6P
   Region 1 MF Tone Generator
More results

Similar Description - M-991-02SMTR

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
   Call Progress Tone Decoder
logo
CML Microcircuits
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
   Call Progress Tone Detector
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
   Call Progress Tone Detector
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
   Call Progress Tone Decoder
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
   Call Progress Tone Detector
logo
Clare, Inc.
M-985-01 CLARE-M-985-01 Datasheet
241Kb / 8P
   Precise Call Progress and Special Information Tone Generator
M-982-02 CLARE-M-982-02 Datasheet
200Kb / 7P
   Precise Call Progress Tone Detector
logo
List of Unclassifed Man...
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
   Call Progress Tone Decoder for Telephone
logo
Holtek Semiconductor In...
HT9020 HOLTEK-HT9020 Datasheet
476Kb / 12P
   Call Progress Tone Decoder & ABR Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com