Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW61D Datasheet(PDF) 1 Page - Allied Components International

Part # BCW61D
Description  Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

BCW61D Datasheet(HTML) 1 Page - Allied Components International

  BCW61D Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transistors
848
ALLIED
Need Larger Quantity Prices? Call 1-800-433-5700 For Prompt Handling
AGT
Agilent Technologies
ANA
Analog Devices Inc.
ADV
Advanced Micro Devices
AVX
AVX
BNS
Bourns
CRY
Crydom Company
DLS
Dallas Semiconductor
EPC
EPCOS
FSC
Fairchild Semiconductor
FJS
Fuji Semiconductor
GIS
General Semiconductor
HVP
High Voltage Power
IRF
International Rectifier
INT
Intersil
LIT
Littelfuse
MOT
Motorola Semiconductor
NSC
National Semiconductor
NTE
NTE Electronics
ONS
ON Semiconductor
PHA
Philips Semiconductors
SDK
SanDisk
SEM
SemiKron
TIS
Texas Instruments
WAS
Winslow Adaptics
XCR
Xicor
XLX
Xilinx
Manufacturer’s Code Log
18
Bipolar Transistors (Continued)
Plastic-Encapsulated Multiple Transistors — Quad Surface Mount (Case 751B-SO-16) — NPN/PNP)
The following table is a listing of the most popular multiple devices available in the plastic SOIC surface-mount package. These devices are available in NPN, PNP, and NPN/PNP configurations.
Stock
Mfr.’s
Mfr.’s
hFE @ IC
hFE @ IC
fT @ IC
fT @ IC
No. of
Case
Configuration
V(BR)CEO
V(BR)CBO
Package
EACH
No.
Code
Type
Min.
(mA)
(MHz) Min.
(mA)
Leads
Outline
568-4953
ONS
MMPQ2222A
NPN
40
75
40
500.0
200
20.0
16
751B-05
SOIC
1.21
568-4960
ONS
MMPQ6700
NPN/PNP
40
40
70
10.0
200
10.0
16
751B-05
SOIC
.95
Small Signal Bipolar Transistors
Leaded
Stock
Mfr.’s
Mfr.’s
VCEO
IC
hFE
hFE
hFE
No. of
Configuration
@VCE/IC
Package
EACH
No.
Code
Type
(V)
(mA)
Min.
Typ.
Max.
Leads
950-3018
GIS
BC547A
NPN
45
100
220
5 V/2 mA
3
TO-92 (TO-226AA)
.09
950-3030
GIS
BC547B
NPN
45
100
330
5 V/2 mA
3
TO-92 (TO-226AA)
.09
950-3032
GIS
BC547C
NPN
45
100
600
5 V/2 mA
3
TO-92 (TO-226AA)
.09
950-3000
GIS
2N3904
NPN
40
200
100
300
1 V/10 mA
3
TO-92 (TO-226AA)
.11
950-3004
GIS
2N4401
NPN
40
600
100
300
1 V/150 mA
3
TO-92 (TO-226AA)
.13
950-3038
GIS
BC337-40
NPN
45
800
250
400
630
1 V/300 mA
3
TO-92 (TO-226AA)
.09
950-3042
GIS
BC557A
PNP
45
100
220
5 V/2 mA
3
TO-92 (TO-226AA)
.09
950-3044
GIS
BC557B
PNP
45
100
330
5 V/2 mA
3
TO-92 (TO-226AA)
.09
950-3046
GIS
BC557C
PNP
45
100
600
5 V/2 mA
3
TO-92 (TO-226AA)
.09
950-3002
GIS
2N3906
PNP
40
200
100
300
1 V/10 mA
3
TO-92 (TO-226AA)
.11
950-3048
GIS
MPSA56
PNP
80
500
100
1 V/100 mA
3
TO-92 (TO-226AA)
.28
950-3006
GIS
2N4403
PNP
40
600
100
300
1 V/150 mA
3
TO-92 (TO-226AA)
.13
950-3008
GIS
MPS2907A
PNP
40
600
100
300
10 V/150 mA
3
TO-92 (TO-226AA)
.13
950-3021
GIS
BC327-16
PNP
45
800
100
160
250
1 V/300 mA
3
TO-92 (TO-226AA)
.10
950-3023
GIS
BC327-25
PNP
45
800
160
250
400
1 V/300 mA
3
TO-92 (TO-226AA)
.09
950-3025
GIS
BC327-40
PNP
45
800
250
400
630
1 V/300 mA
3
TO-92 (TO-226AA)
.09
Plastic
950-1034
GIS
BCW60B
NPN
32
100
180
310
5 V/2 mA
3
SOT-23 (TO-236AB)
.09
950-1035
GIS
BCW60D
NPN
32
100
380
630
5 V/2 mA
3
SOT-23 (TO-236AB)
.09
950-1038
GIS
BCX70K
NPN
45
200
380
630
5 V/2 mA
3
SOT-23 (TO-236AB)
.08
950-1036
GIS
BCW61B
PNP
32
100
180
310
5 V/2 mA
3
SOT-23 (TO-236AB)
.09
950-1037
GIS
BCW61D
PNP
32
100
380
630
5 V/2 mA
3
SOT-23 (TO-236AB)
.09
950-1039
GIS
BCX71K
PNP
45
200
380
630
5 V/2 mA
3
SOT-23 (TO-236AB)
.08
Surface-Mount
950-3012
GIS
MMBT3904
NPN
40
200
100
300
1 V/10 mA
3
SOT-23 (TO-236AB)
.09
950-3033
GIS
BC817-16
NPN
45
500
100
250
1 V/100 mA
3
SOT-23 (TO-236AB)
.18
950-3028
GIS
BC817-40
NPN
45
500
250
600
1 V/100 mA
3
SOT-23 (TO-236AB)
.14
950-3016
GIS
MMBT2222A
NPN
40
600
100
300
10 V/150 mA
3
SOT-23 (TO-236AB)
.12
950-3037
GIS
BCW66G
NPN
45
800
160
400
1 V/100 mA
3
SOT-23 (TO-236AB)
.28
950-3043
GIS
BC857B
PNP
45
100
330
5 V/2 mA
3
SOT-23 (TO-236AB)
.10
950-3045
GIS
BC857C
PNP
45
100
600
5 V/2 mA
3
SOT-23 (TO-236AB)
.13
950-3047
GIS
BC807-16
PNP
45
500
100
250
1 V/100 mA
3
SOT-23 (TO-236AB)
.13
950-3049
GIS
BC807-25
PNP
45
500
160
400
1 V/100 mA
3
SOT-23 (TO-236AB)
.13
950-3022
GIS
MMBT4403
PNP
40
600
100
300
1 V/150 mA
3
SOT-23 (TO-236AB)
.12
950-3019
GIS
MMBT2907A
PNP
40
600
100
300
10 V/150 mA
3
SOT-23 (TO-236AB)
.12
Field Effect Transistors
Small Signal JFETs
JFETs operate in the depletion mode. They are available in both P- and N-channel and are offered in both Through-hole
and Surface-Mount Packages. Applications include general-purpose amplified, switches and choppers, and RF amplifiers
and mixers. These devices are economical and very rugged. The drain and source are interchangeable on many typical
FETs.
Surface-Mount Choppers/Switches JFETs
Pinout: 1 — Drain, 2 — Source, 3 — Gate (Case 318-07 — TO-236AB (SOT-23)) — N-Channel
The following is a listing of small-signal surface-mount JFET devices intended for switching and chopper applications.
RDS(on)
toff
VGS(off)
VGS(off)
IDSS
IDSS
Stock
Mfr.’s
Mfr.’s
No. of
Case
Marking
(
Ω)ns
V(BR)GSS
(V)
(V)
(mA)
(mA)
Package
EACH
No.
Code
Type
Leads
Outline
Max.
Max.
(V)
Min.
Max.
Min.
Max.
568-1902
ONS
MMBF4393LT1
6G
100
50
30.0
0.5
3.0
5.0
30
3
318-08
SOT-23 (TO-236AB)
.24
Surface-Mount Choppers/Switches JFETs
Pinout: 1 — Drain, 2 — Source, 3 — Gate (Case 318-07 — TO-236AB (SOT-23) —P-Channel)
568-7123
ONS
MMBFJ175LT1
6W
125
3.0
6.0
30.0
7.0
60
3
318-08
SOT-23 (TO-236AB)
.21
568-2263
ONS
MMBFJ177LT1
6Y
300
–30.0
0.8
2.5
1.5
20
3
318-08
SOT-23 (TO-236AB)
.31
JFET High-Frequency Amplifiers (Case 29-04 — TO-226AA (TO-92) — N-Channel)
The following is a listing of small signal JFETs that are intended for high-frequency applications. These are candidates for VHF/UHF oscillators, mixers and front-end amplifiers.
V(BR)GSS
Re Yfs @ f
Re Yos @ f
Ciss
Crss
NF @ RG=1 K
NF @ RG=1 K
VGS(off)
VGS(off)
IDSS
IDSS
Stock
Mfr.’s
Mfr.’s
Re Yfs @ f
Re Yos @ f
V(BR)GDO
No. of
Case
mmho
µmho
(pF)
(pF)
dB
f
(V)
(V)
(mA)
(mA)
Package
EACH
No.
Code
Type
(kHz)
(kHz)
(V)
Leads
Outline
Min.
Max.
Max.
Min.
Max.
(MHz)
Min.
Max.
Min.
Max.
Min.
568-1096
ONS
2N5485
3.0
400
100
400
5.0
1.0
4.0
400.00
25.0
0.5
4.0
4
10
3
29-11
TO-92 (TO-226AA)
.33
568-1097
ONS
2N5486
3.5
400
100
400
5.0
1.0
4.0
400.00
25.0
2.0
6.0
8
20
3
29-11
TO-92 (TO-226AA)
.33
568-1883
ONS
J309
12.01
100
2501
100
7.5
2.5
1.51
100.00
25.0
1.0
4.0
12
30
3
29-11
TO-92 (TO-226AA)
.30
568-1884
ONS
J310
12.01
100
2501
100
7.5
2.5
1.51
100.00
25.0
2.0
6.5
24
60
3
29-11
TO-92 (TO-226AA)
.33
1
Typical.


Similar Part No. - BCW61D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW61D PHILIPS-BCW61D Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 12
BCW61D NXP-BCW61D Datasheet
127Kb / 6P
   PNP general purpose transistors
1999 Apr 12
logo
Samsung semiconductor
BCW61D SAMSUNG-BCW61D Datasheet
33Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Infineon Technologies A...
BCW61D INFINEON-BCW61D Datasheet
169Kb / 11P
   PNP Silicon AF Transistors
2007-10-18
logo
Siemens Semiconductor G...
BCW61D SIEMENS-BCW61D Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Similar Description - BCW61D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMDT4413 SECOS-MMDT4413 Datasheet
1Mb / 5P
   NPN - PNP Plastic-Encapsulated Transistors
BC857BV SECOS-BC857BV Datasheet
257Kb / 2P
   Dual PNP Plastic-Encapsulated Transistors
logo
ON Semiconductor
MMDJ3N03BJT ONSEMI-MMDJ3N03BJT Datasheet
197Kb / 6P
   Plastic Power Transistors SO?? for Surface Mount Applications
August, 2006 ??Rev. 5
logo
Arch Electronics Corp.
ANCA_SERIES ARCH-ANCA_SERIES Datasheet
407Kb / 5P
   Fully Encapsulated Plastic Case
AFC_SERIES ARCH-AFC_SERIES Datasheet
404Kb / 5P
   Fully Encapsulated Plastic Case
AFC-E1_SERIES ARCH-AFC-E1_SERIES Datasheet
404Kb / 5P
   Fully Encapsulated Plastic Case
ATC_SERIES ARCH-ATC_SERIES Datasheet
463Kb / 5P
   Fully Encapsulated Plastic Case
AOCH_SERIES ARCH-AOCH_SERIES Datasheet
217Kb / 3P
   Fully Encapsulated Plastic Case
APC-E1_SERIES ARCH-APC-E1_SERIES Datasheet
449Kb / 5P
   Fully Encapsulated Plastic Case
AIC_SERIES ARCH-AIC_SERIES Datasheet
150Kb / 2P
   Fully Encapsulated Plastic Case
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com