Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ19CA Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMAJ19CA
Description  400Watts Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMAJ19CA Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMAJ19CA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ19CA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ19CA Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ19CA Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Uni
Bi
Min (V) Max (V) IT (mA)
SMAJ43
SMAJ43C
CS
YS
47.80
58.40
1
1
43.0
5.22
76.7
SMAJ43A
SMAJ43CA
CT
YT
47.80
52.80
1
1
43.0
5.76
69.4
SMAJ45
SMAJ45C
CU
YU
50.00
61.10
1
1
45.0
4.98
80.3
SMAJ45A
SMAJ45CA
CV
YV
50.00
55.30
1
1
45.0
5.50
72.7
SMAJ48
SMAJ48C
CW YW
53.30
65.10
1
1
48.0
4.68
85.5
SMAJ48A
SMAJ48CA
CX
YX
53.30
58.90
1
1
48.0
5.17
77.4
SMAJ51
SMAJ51C
CY
YY
56.70
69.30
1
1
51.0
4.39
91.1
SMAJ51A
SMAJ51CA
CZ
YZ
56.70
62.70
1
1
51.0
4.85
82.4
SMAJ54
SMAJ54C
RD
ZD
60.00
73.30
1
1
54.0
4.15
96.3
SMAJ54A
SMAJ54CA
RE
ZE
60.00
66.30
1
1
54.0
4.59
87.1
SMAJ58
SMAJ58C
RF
ZF
64.40
78.70
1
1
58.0
3.88
103.0
SMAJ58A
SMAJ58CA
RG
ZG
64.40
71.20
1
1
58.0
4.27
93.6
SMAJ60
SMAJ60C
RH
ZH
66.70
81.50
1
1
60.0
3.74
107.0
SMAJ60A
SMAJ60CA
RK
ZK
66.70
73.70
1
1
60.0
4.13
96.8
SMAJ64
SMAJ64C
RL
ZL
71.10
86.90
1
1
64.0
3.51
114.0
SMAJ64A
SMAJ64CA
RM
ZM
71.10
78.60
1
1
64.0
3.88
103.0
SMAJ70
SMAJ70C
RN
ZN
77.80
95.10
1
1
70.0
3.20
125.0
SMAJ70A
SMAJ70CA
RP
ZP
77.80
86.00
1
1
70.0
3.54
113.0
SMAJ75
SMAJ75C
RQ
ZQ
83.30
102.00
1
1
75.0
2.99
134.0
SMAJ75A
SMAJ75CA
RR
ZR
83.30
92.10
1
1
75.0
3.31
121.0
SMAJ78
SMAJ78C
RS
ZS
86.70
106.00
1
1
78.0
2.88
139.0
SMAJ78A
SMAJ78CA
RT
ZT
86.70
95.80
1
1
78.0
3.17
126.0
SMAJ80
SMAJ80C
RA
ZA
88.96
108.80
1
1
80.0
2.79
143.2
SMAJ80A
SMAJ80CA
RB
ZB
88.80
97.60
1
1
80.0
3.09
129.6
SMAJ85
SMAJ85C
RU
ZU
94.40
115.00
1
1
85.0
2.65
151.0
SMAJ85A
SMAJ85CA
RV
ZV
94 40
104 00
1
1
85 0
2 92
137 0
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Part Number
(Uni)
Maximum
Reverse
Surge
Current IPP
(A)
Breakdown Voltage VBR @IT
Part Number
(Bi)
Maximum
Clamping
Voltage VC
@IPP
(V)
Device
Marking
Code
Electrical Characteristics(TA=25 unless otherwise noted)
Working
Peak Reverse
Voltage
VRWM
(V)
SMAJ85A
SMAJ85CA
RV
ZV
94.40
104.00
1
1
85.0
2.92
137.0
SMAJ90
SMAJ90C
RW ZW
100.00
122.00
1
1
90.0
2.50
160.0
SMAJ90A
SMAJ90CA
RX
ZX
100.00
111.00
1
1
90.0
2.74
146.0
SMAJ100
SMAJ100C
RY
ZY
111.00
136.00
1
1
100.0
2.23
179.0
SMAJ100A
SMAJ100CA
RZ
ZZ
111.00
123.00
1
1
100.0
2.47
162.0
SMAJ110
SMAJ110C
SD
VD
122.00
149.00
1
1
110.0
2.04
196.0
SMAJ110A
SMAJ110CA
SE
VE
122.00
135.00
1
1
110.0
2.26
177.0
SMAJ120
SMAJ120C
SF
VF
133.00
163.00
1
1
120.0
1.87
214.0
SMAJ120A
SMAJ120CA
SG
VG
133.00
147.00
1
1
120.0
2.07
193.0
SMAJ130
SMAJ130C
SH
VH
144.00
176.00
1
1
130.0
1.73
231.0
SMAJ130A
SMAJ130CA
SK
VK
144.00
159.00
1
1
130.0
1.91
209.0
SMAJ140
SMAJ140C
SA
VA
155.68
190.40
1
1
140.0
1.60
250.6
SMAJ140A
SMAJ140CA
SB
VB
155.00
171.00
1
1
140.0
1.76
226.8
SMAJ150
SMAJ150C
SL
VL
167.00
204.00
1
1
150.0
1.49
268.0
SMAJ150A
SMAJ150CA
SM
VM
167.00
185.00
1
1
150.0
1.65
243.0
SMAJ160
SMAJ160C
SN
VN
178.00
218.00
1
1
160.0
1.39
287.0
SMAJ160A
SMAJ160CA
SP
VP
178.00
197.00
1
1
160.0
1.54
259.0
SMAJ170
SMAJ170C
SQ
VQ
189.00
231.00
1
1
170.0
1.32
304.0
SMAJ170A
SMAJ170CA
SR
VR
189.00
209.00
1
1
170.0
1.45
275.0
SMAJ180
SMAJ180C
SS
VS
200.16
244.80
1
1
180.0
1.24
322.2
SMAJ180A
SMAJ180CA
ST
VT
200.00
220.00
1
1
180.0
1.37
291.6
SMAJ190
SMAJ190C
SU
VU
211.28
258.40
1
1
190.0
1.18
340.1
SMAJ190A
SMAJ190CA
SV
VV
211.00
232.00
1
1
190.0
1.30
307.8
SMAJ200A
SMAJ200CA
SW VW
224.00
247.00
1
1
200.0
1.23
324.0
SMAJ220A
SMAJ220CA
SX
VX
246.00
272.00
1
1
220.0
1.12
356.0
SMAJ250A
SMAJ250CA
SZ
VZ
279.00
309.00
1
1
250.0
0.99
405.0
SMAJ300A
SMAJ300CA
DE
HE
335.00
371.00
1
1
300.0
0.82
486.0
SMAJ350A
SMAJ350CA
DG
HG
391.00
432.00
1
1
350.0
0.71
567.0
SMAJ400A
SMAJ400CA
DK
HK
447.00
494.00
1
1
400.0
0.62
648.0
SMAJ440A
SMAJ440CA
DM HM
492.00
543.00
1
1
440.0
0.56
713.0
SMAJ SERIES
400Watts Surface Mount Transient Voltage Suppressor
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SMAJ19CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMAJ19CA SOCAY-SMAJ19CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
UN Semiconducctor INC
SMAJ19CA UNSEMI-SMAJ19CA Datasheet
3Mb / 8P
   3.3 To 440V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shenzhen Luguang Electr...
SMAJ19CA LUGUANG-SMAJ19CA Datasheet
844Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMAJ19CA SOCAY-SMAJ19CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Zowie Technology Corpor...
SMAJ19CA ZOWIE-SMAJ19CA Datasheet
79Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMAJ19CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMAJ LUGUANG-SMAJ_13 Datasheet
226Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
SMAJ5.0 LUGUANG-SMAJ5.0 Datasheet
844Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
SMAJ5.0 LUGUANG-SMAJ5.0 Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com