Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCGB3225S900KTF Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # SCGB3225S900KTF
Description  Chip Ferrite Bead
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCGB3225S900KTF Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  SCGB3225S900KTF Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCGB3225S900KTF Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCGB3225S900KTF Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCGB3225S900KTF Datasheet HTML 4Page - Socay Electornics Co., Ltd. SCGB3225S900KTF Datasheet HTML 5Page - Socay Electornics Co., Ltd. SCGB3225S900KTF Datasheet HTML 6Page - Socay Electornics Co., Ltd. SCGB3225S900KTF Datasheet HTML 7Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Chip Ferrite Bead
Revision February 13, 2014
1 / 7
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCGB-S Series
SOCAY Electronics Co., Ltd.
www.socay.com
u
Monolithic inorganic material construction
u
Closed magnetic circuit avoids crosstalk
u
SMD Type & suitable for reflow and wave soldering
u
Available in various sizes
u
Excellent solderability and heat resistance
u
High reliability
u
Effectively filtering capability over a wide range of
frequency
Filtering between analog and digital circuitry, clock generation
circuitry, I/O interconnects, isolation between RF noisy circuits
and logic devices susceptible to functional degradation, power
supply filtering to prevent conducted RF energy from corrupting
the power generation circuitry, high frequency EMI prevention
of computer, printers, VCRs, TVs and portable telephones.
Operating temperature range
-40 ~ +125
ºC
Storage Condition
Less than 40
℃ and 70% RH
Storage Time
6 months(Size:1005), 12 months(Size:1608 above)
Soldering method
Reflow or Wave Soldering
1
Series Name
2
Size Code: the first two digitals : length(mm), the last two digitals : width(mm)
3
Material Code
4
Impedance(
Ω), ±25%
5
Fixed Decimal Point
6
Rated Current Cod
A=50mA
B=80mA
C=100mA
D=150mA
E=200mA
F=300mA
G=400mA
H=500mA
I=600mA
J=700mA
K=800mA
7
Packaging: P - Embossed paper tape, 7" reel
T - Embossed plastic tape, 7" reel
8
Soldering : Green Parts: S- Soldering Lead-Free
F- Lead-Free for whole chip
General Technical Data
Part Numbering
Features
Applications
SCGB
1608
S
60
1
E
P
F
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
e.g.: 600=60
Ω, 121=120Ω


Similar Part No. - SCGB3225S900KTF

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCGB3216W601ETF SOCAY-SCGB3216W601ETF Datasheet
248Kb / 7P
   Chip Ferrite Bead for Automotive Applications
More results

Similar Description - SCGB3225S900KTF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21PG221SN1D MURATA-BLM21PG221SN1D Datasheet
123Kb / 4P
   Chip Ferrite Bead
BLM31PG330SN1L MURATA-BLM31PG330SN1L Datasheet
43Kb / 1P
   Chip Ferrite Bead
BLM15AG100SH1D MURATA-BLM15AG100SH1D Datasheet
132Kb / 8P
   Chip Ferrite Bead
logo
Superworld Electronics
Z2K300-RG-10 SUPERWORLD-Z2K300-RG-10_17 Datasheet
336Kb / 8P
   Ferrite Chip Bead
logo
Murata Manufacturing Co...
BLM15PD121SN1D MURATA-BLM15PD121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Bead
BLM21A MURATA-BLM21A Datasheet
112Kb / 3P
   Chip Ferrite Bead
logo
Socay Electornics Co., ...
SCGB1005B102EPF SOCAY-SCGB1005B102EPF Datasheet
224Kb / 4P
   Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM21AG601SN1B MURATA1-BLM21AG601SN1B Datasheet
330Kb / 10P
   Chip Ferrite Bead
logo
Superworld Electronics
Z1G_SERIES SUPERWORLD-Z1G_SERIES Datasheet
221Kb / 7P
   Ferrite Chip Bead
logo
Socay Electornics Co., ...
SCGB1005H750FPF SOCAY-SCGB1005H750FPF Datasheet
203Kb / 5P
   Chip Ferrite Bead
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com