Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCPB3216S122LTF Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # SCPB3216S122LTF
Description  Chip Ferrite Bead for High Current
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCPB3216S122LTF Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  SCPB3216S122LTF Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCPB3216S122LTF Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCPB3216S122LTF Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCPB3216S122LTF Datasheet HTML 4Page - Socay Electornics Co., Ltd. SCPB3216S122LTF Datasheet HTML 5Page - Socay Electornics Co., Ltd. SCPB3216S122LTF Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Chip Ferrite Bead for High Current
Revision February 13, 2014
3 / 6
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCPB-S Series
SOCAY Electronics Co., Ltd.
www.socay.com
SCPB3216 Series
Part Number
Impedance (
Ω)
±25%
Test Freq.
(MHz)
DCR (
Ω)
(Max.)
Rated Current
(mA)
SCPB3216S300WTF
30
100
0.015
6000
SCPB3216S500WTF
50
100
0.015
6000
SCPB3216S800RTF
80
100
0.03
4000
SCPB3216S121WTF
120
100
0.015
6000
SCPB3216S601PTF
600
100
0.07
2500
SCPB3216S122LTF
1200
100
0.20
1000
SCPB3225 Series
Part Number
Impedance (
Ω)
±25%
Test Freq.
(MHz)
DCR (
Ω)
(Max.)
Rated Current
(mA)
SCPB3225S600MTF
60
100
0.15
1500
SCPB3225S102NTF
1000
100
0.09
2000
SCPB4516 Series
Part Number
Impedance (
Ω)
±25%
Test Freq.
(MHz)
DCR (
Ω)
(Max.)
Rated Current
(mA)
SCPB4516S600WTF
60
100
0.015
6000
SCPB4516S851MTF
850
100
0.15
1500
SCPB4532 Series
Part Number
Impedance (
Ω)
±25%
Test Freq.
(MHz)
DCR (
Ω)
(Max.)
Rated Current
(mA)
SCPB4532S121WTF
120
100
0.015
6000
SCPB4532S601QTF
600
50
0.04
3000
SCPB4532S132QTF
1300
60
0.04
3000
Test Level:250 mV
Test Instruments:
l
HP4291B
RF IMPEDANCE / MATERIAL ANALYZER
l
HP4338A/B MILLIOHM METER
l
Agilent 8720ES S-PARAMETER NETWORK ANALYZER
l
HP6632B SYSTEM DC POWER SUPPLY
** For special part number which is not shown in the above table, please refer to appendix.
Electrical Characteristics (Continue)


Similar Part No. - SCPB3216S122LTF

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCPB3216W121QTF SOCAY-SCPB3216W121QTF Datasheet
248Kb / 7P
   Chip Ferrite Bead for Automotive Applications
SCPB3216W500QTF SOCAY-SCPB3216W500QTF Datasheet
248Kb / 7P
   Chip Ferrite Bead for Automotive Applications
SCPB3216W601MTF SOCAY-SCPB3216W601MTF Datasheet
248Kb / 7P
   Chip Ferrite Bead for Automotive Applications
More results

Similar Description - SCPB3216S122LTF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML-0805H ABRACON-ACML-0805H Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
Revised: 07.30.14
ACML-0402HC ABRACON-ACML-0402HC Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
11.11.13
logo
List of Unclassifed Man...
ACMS160808A121-2A ETC-ACMS160808A121-2A Datasheet
375Kb / 17P
   Multilayer High Current Ferrite Chip Bead (for Power Line)
logo
TAI-TECH Advanced Elect...
MBP31 TAI-TECH-MBP31 Datasheet
81Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB0603 TAI-TECH-HCB0603 Datasheet
89Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB4516 TAI-TECH-HCB4516 Datasheet
85Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
MBP43 TAI-TECH-MBP43 Datasheet
77Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB1608 TAI-TECH-HCB1608 Datasheet
101Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB4532 TAI-TECH-HCB4532 Datasheet
92Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
logo
List of Unclassifed Man...
MLB160808 ETC2-MLB160808 Datasheet
4Mb / 11P
   MULTILAYER TYPE HIGH CURRENT FERRITE CHIP BEAD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com