Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M-982-02 Datasheet(PDF) 2 Page - Clare, Inc.

Part # M-982-02
Description  Precise Call Progress Tone Detector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M-982-02 Datasheet(HTML) 2 Page - Clare, Inc.

  M-982-02 Datasheet HTML 1Page - Clare, Inc. M-982-02 Datasheet HTML 2Page - Clare, Inc. M-982-02 Datasheet HTML 3Page - Clare, Inc. M-982-02 Datasheet HTML 4Page - Clare, Inc. M-982-02 Datasheet HTML 5Page - Clare, Inc. M-982-02 Datasheet HTML 6Page - Clare, Inc. M-982-02 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.clare.com
2
M-982-02
Rev. 4
Absolute Maximum Ratings
Storage Temperature
-40 to 150°C
Operating Ambient Temperature
-40 to 85°C
V
DD
7V
Input Voltage on SIGIN
V
SS - 6.5 to VDD + 0.3V
Input Voltages (except SIGIN)
V
SS - 0.3 to VDD + 0.3 V
Lead Soldering Temperature
260° C for 5 seconds
Note: Exceeding these ratings may permanently damage the M-982-02.
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure of
the device to the absolute maximum ratings for an extend-
ed period may degrade the device and effect its reliability.
Specifications
Parameter
Conditions
Min
Max
Units
Notes
Operating
V
DD
-
2.7
5.5
V
-
Conditions
Power supply noise
0.1 - 5 kHz
-
20
mV p-p
Power
Current drain (I
DD)VREF open
-
15
mA
-
V
REF
V
REF
-
48% of V
DD
52% of V
DD
V-
Impedance
-
3.25
8.25
kW
Signal
Frequency range
in-band signal
-1
+1
% of f
o
1
Detection
Level: V
DD = 5.0V
XRANGE = open
-30
0
dBm
(24.5 mV)
(775 mV)
XRANGE = V
SS
-40
-10
dBm
(7.8 mV)
(245 mV)
-
Level: V
DD = 3.0V
XRANGE = open
-33 (17.4 mV)
-3 (549 mV)
dBm
XRANGE = V
SS
-43 (5.5 mV)
-13 (173.5 mV)
dBm
Duration (t
DD)
-
200
-
ms
Bridge time (t
BB)-
-
20
ms
Level skew between adjacent
inband signals
for detection of both
-
6
dB
High level to low level signal for
high = 0 dBm (775 mV)
1
-
s
-
detection of both (t
IL)
low = -30 dBm (24.5 mV)
Time to output (t
DO)
SIGIN
≈ -24 dBm
-
200
ms
SIGIN < -24 dBm
-
240
ms
-
Time from DET n to STROBE (t
DS)-
-
10
ms
Signal
Frequency range
-
-6
-6
% of f
o
1
Rejection
Level: V
DD = 5.0V
XRANGE = open
-
-50(2.5 mV)
dBm
XRANGE = V
SS
-
-60 (0.8 mV)
dBm
Level: V
DD = 3.0V
XRANGE= open
-
-53 (1.7 mV)
dBm
XRANGE = V
SS
-
-63 (.6 mV)
dBm
Interval duration (t
ID)
-
160
-
ms
Time to output (T
IO)
-
-
200
ms
Outputs
DET n,
V
OL
I
SINK = -1mA
-
0.5
V
STROBE pins
V
OH
I
SOURCE=1mA
V
DD -0.5
-
V
-
DET n pins
I
OZ
V
O=VDD, VSS
-1
µA
Inputs
EN, OE, XRANGE,
VIL
-
-
0.5
V
-
MODE, PD pins
VIH
VDD = 5V
VDD - 2.0
-
V
VDD = 2.7V
VDD - 0.5
-
V
Pull-up and Pull-down
MODE = VSS
VDD = 5V
12.5
50
µA
currents
VDD = 2.7V
4
20
µA
/Xrange = VSS
-
2
6
µA
PD =VDD
-
4
10
µA


Similar Part No. - M-982-02

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-980-02 CLARE-M-980-02 Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
logo
IXYS Corporation
M-980-02 IXYS-M-980-02 Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
logo
Clare, Inc.
M-980-02P CLARE-M-980-02P Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
logo
IXYS Corporation
M-980-02P IXYS-M-980-02P Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
logo
Clare, Inc.
M-980-02S CLARE-M-980-02S Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
More results

Similar Description - M-982-02

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
   Call Progress Tone Detector
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
   Call Progress Tone Detector
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
   Call Progress Tone Detector
MX623 ETC-MX623 Datasheet
59Kb / 6P
   Line-Powered Call Progress Tone Detector
logo
Clare, Inc.
M-985-01 CLARE-M-985-01 Datasheet
241Kb / 8P
   Precise Call Progress and Special Information Tone Generator
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
   Call Progress Tone Decoder
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
   Call Progress Tone Decoder
logo
Clare, Inc.
M-991 CLARE-M-991 Datasheet
171Kb / 6P
   Call Progress Tone Generator
logo
IXYS Corporation
M-980-02 IXYS-M-980-02 Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com