Electronic Components Datasheet Search |
|
SCWL2520101R0MTF Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd. |
|
SCWL2520101R0MTF Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd. |
1 / 5 page Wire-wound Type Power Inductor Revision February 12, 2014 1 / 5 @ SOCAY Electronics Co., Ltd. 2014 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SCWL252010 Series SOCAY Electronics Co., Ltd. www.socay.com u High saturation current realized by material properties and structure design u Low DC resistance to achieve high conversion efficiency and low temperature rising u Low profile: 2.5mm ×2.0mm×1.0mm u Magnetically shielded structure to accomplish high resolution in EMC protection u Halogen free, Lead free, RoHS compliance SCWL series is generic applied in portable DC to DC converter line. u Smart Phone, PAD u DC/DC converter u Thin-type power supply module Operating Temperature Range -40 ~ +125 ºC Storage Temperature Range -50 ~ +125 ºC Storage Temperature 5 ~ 40 ºC Relative Humidity < 65% Taping package Storage condition Storage Time 12 Months max 1 Series Name, wire-wound type power inductor 2 Size Code: the first two digitals : length(mm), the last two digitals : width(mm) 3 Thickness (mm) 4 Inductance ( μH), eg. 2R2=2.2μH;R47=0.47μH 5 Inductance tolerance, M: ±20% 6 Packaging: T - Embossed plastic tape, 7" reel. 7 Soldering : Green Parts, F - Lead-Free for whole chip General Technical Data Part Numbering Features Applications SCWL 2520 10 R47 M T F (1) (2) (3) (4) (5) (6) (7) |
Similar Part No. - SCWL2520101R0MTF |
|
Similar Description - SCWL2520101R0MTF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |