Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2R-600E Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # 2R-600E
Description  2-Electrode Gas Discharge Tubes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

2R-600E Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  2R-600E Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
(Ø8x6mm)
2-Electrode Gas Discharge Tubes
20KA
1:Dimension(mm)
Fast Delivery Time
2R-600E Photo
2:Main Applications
•PCI Cards protection
•Telephone/Fax/Modem protection
•single line protection
•ADSL/XDSL Splitter,Power Supply
•Surge Protection Device/Surge Protector
3:Features
100% Lead-Free(RoHs Compliant )
•Non-Radioactive
•Low capacitance (≤1pF)
•Fast Response-time,High Insulation Resistance.
•Small size :Ø8x6(mm)
4 Electrical Characteristics
Part Number
DC
Spark-over
Voltage
@ 100V/S
Impulse
Spark-over
Voltage
@100V/
μs
Impulse
Spark-over
Voltage
@1KV/
μs
Insulation
Resistance
Impulse discharge
current(
8/20
μs)
AC discharge
current
(50Hz,1s,10ti
mes)
Capacitan
ce
(1MHz)
V
V
V
10 Times
1 Time
A
PF
2R-75E
75±20%
<500
<600
>1
20KA
25KA
20
≤1
2R-90E
90±20%
<500
<600
>1
20KA
25KA
20
≤1
2R-150E
150±20%
<500
<600
>1
20KA
25KA
20
≤1
2R-230E
230±20%
<600
<700
>1
20KA
25KA
20
≤1
2R-250E
250±20%
<600
<700
>1
20KA
25KA
20
≤1
2R-300E
300±20%
<800
≤ 900
>1
20KA
25KA
20
≤1
2R-350E
350±20%
<900
≤ 1000
>1
20KA
25KA
20
≤1
2R-400E
400±20%
<900
≤ 1000
>1
20KA
25KA
20
≤1
2R-420E
420±20%
<900
≤ 1000
>1
20KA
25KA
20
≤1
2R-470E
470±20%
<1100
≤ 1200
>1
20KA
25KA
20
≤1
2R-500E
500±20%
<1100
≤ 1200
>1
20KA
25KA
20
≤1
2R-600E
600±20%
<1200
≤ 1300
>1
20KA
25KA
20
≤1
2R-800E
800±20%
<1300
≤ 1400
>1
20KA
25KA
20
≤1
Packing Quantity : 100PCS
Shen Zhen HuaXinAn Electronics Co.,Ltd
sales@huaandz.com
abc0734@126.com
Revised:February 25,2014
www.huaandz.com
Tel:+86-755-27465585


Similar Part No. - 2R-600E

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
2R-600 HUAXINAN-2R-600 Datasheet
212Kb / 3P
   2-Electrode Gas Discharge Tubes
More results

Similar Description - 2R-600E

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
2C800 HUAXINAN-2C800_17 Datasheet
259Kb / 2P
   2-Electrode Gas Discharge Tubes
H2R8-75L HUAXINAN-H2R8-75L Datasheet
199Kb / 2P
   2-Electrode Gas Discharge Tubes
H2R8-75MSMD HUAXINAN-H2R8-75MSMD Datasheet
192Kb / 1P
   2-Electrode Gas Discharge Tubes
2R75C HUAXINAN-2R75C Datasheet
145Kb / 2P
   2-Electrode Gas Discharge Tubes
2R75A HUAXINAN-2R75A Datasheet
145Kb / 1P
   2-Electrode Gas Discharge Tubes
HA2R8-75ML HUAXINAN-HA2R8-75ML Datasheet
239Kb / 3P
   2-Electrode Gas Discharge Tubes
HA2R3-75SMD HUAXINAN-HA2R3-75SMD Datasheet
262Kb / 3P
   2-Electrode Gas Discharge Tubes
HA2R5-75L HUAXINAN-HA2R5-75L Datasheet
202Kb / 2P
   2-Electrode Gas Discharge Tubes
2B600D HUAXINAN-2B600D Datasheet
148Kb / 2P
   2-electrode Gas Discharge Tubes
2B800L6 HUAXINAN-2B800L6 Datasheet
145Kb / 2P
   2-electrode Gas Discharge Tubes
2B800L8 HUAXINAN-2B800L8_17 Datasheet
258Kb / 2P
   2-Electrode Gas Discharge Tubes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com