Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M-88L70-01S Datasheet(PDF) 1 Page - Clare, Inc.

Part # M-88L70-01S
Description  3V DTMF Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M-88L70-01S Datasheet(HTML) 1 Page - Clare, Inc.

  M-88L70-01S Datasheet HTML 1Page - Clare, Inc. M-88L70-01S Datasheet HTML 2Page - Clare, Inc. M-88L70-01S Datasheet HTML 3Page - Clare, Inc. M-88L70-01S Datasheet HTML 4Page - Clare, Inc. M-88L70-01S Datasheet HTML 5Page - Clare, Inc. M-88L70-01S Datasheet HTML 6Page - Clare, Inc. M-88L70-01S Datasheet HTML 7Page - Clare, Inc. M-88L70-01S Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
www.clare.com
M-88L70
DS-M88L70-R1
The M-88L70 monolithic DTMF receiver offers small size,
low power consumption and high performance, with 3 volt
operation. Its architecture consists of a bandsplit filter
section, which separates the high and low group tones,
followed by a digital counting section which verifies the
frequency and duration of the received tones before
passing the corresponding code to the output bus.
Telephone switch equipment
Mobile radio
Remote control
Paging systems
PCMCIA
Portable TAD
Remote data entry
Operates between 2.7 and 3.6 volts
Low power consumption
Power-down mode
Inhibit mode
Central office quality and performance
Inexpensive 3.58 MHz time base
Adjustable acquisition and release times
Dial tone suppression
Functionally compatible with Clare’s M-8870
Applications
Features
Description
3V DTMF Receiver
Ordering Information
Part #
Description
M-88L70-01P
18-pin plastic DIP
M-88L70-01S
18-pin SOIC
M-88L70-01T
18-pin SOIC, Tape and Reel
Figure 2 Block Diagram
Figure 1 Pin Connections
The M-88L70 is a full DTMF Receiver that integrates
both bandsplit filter and decoder functions into a single
18-pin DIP or SOIC package. Manufactured using
CMOS process technology, the M-88L70 offers low
power consumption (18 mW max), precise data handling
and 3V operation. Its filter section uses switched capaci-
tor technology for both the high and low group filters and
for dial tone rejection. Its decoder uses digital counting
techniques to detect and decode all 16 DTMF tone pairs
into a 4-bit code. External component count is minimized
by provision of an on-chip differential input amplifier,
clock generator, and latched tri-state interface bus.
Minimal external components required include a low-cost
3.579545 MHz color burst crystal, a timing resistor, and a
timing capacitor.


Similar Part No. - M-88L70-01S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-8870 CLARE-M-8870 Datasheet
301Kb / 9P
   DTMF Receiver
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
Clare, Inc.
M-8870-01 CLARE-M-8870-01 Datasheet
301Kb / 9P
   DTMF Receiver
logo
List of Unclassifed Man...
M-8870-01 ETC2-M-8870-01 Datasheet
255Kb / 8P
   DTMF Receiver
logo
Clare, Inc.
M-8870-01 CLARE-M-8870-01 Datasheet
307Kb / 9P
   DTMF Receiver
More results

Similar Description - M-88L70-01S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
   DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
   DTMF Receiver
logo
Silan Microelectronics ...
SC9270C SILAN-SC9270C Datasheet
177Kb / 12P
   DTMF RECEIVER
logo
Sanyo Semicon Device
LC73872M SANYO-LC73872M Datasheet
115Kb / 6P
   DTMF Receiver?
logo
Holtek Semiconductor In...
HT9170 HOLTEK-HT9170 Datasheet
124Kb / 12P
   DTMF Receiver
logo
Sanyo Semicon Device
LC7385 SANYO-LC7385 Datasheet
164Kb / 7P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com