Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3100SCMCLRP Datasheet(PDF) 3 Page - HuaXinAn Electronics CO.,LTD

Part # P3100SCMCLRP
Description  SIDACtor Protection Thyristors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

P3100SCMCLRP Datasheet(HTML) 3 Page - HuaXinAn Electronics CO.,LTD

  P3100SCMCLRP Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD P3100SCMCLRP Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD P3100SCMCLRP Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD P3100SCMCLRP Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD P3100SCMCLRP Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
(SIDACtor Protection Thyristors )
Surge Ratings
Series
Ipp
2x10µs
Ipp
8x20µs
Ipp
10x160µs
Ipp
10x560µs
Ipp
10x1000µs
Ipp
5x320µs
Ipp
5x310µs
Ipp
10x360µs
ITSM
50/60Hz
di/dt
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps/µs
C
500
400
200
150
100
200
200
175
30
500
Thermal Considerations
Package
DO-214AA/SMB
Symbol
Parameter
Value
Unit
TJ
Operating Junction Temperature Range
-40 to +150
°C
TS
Storage Temperature Range
-65 to +150
°C
RθJA
Junction to Ambient on prited circuit
90
°C /W
Description of Part Number
P
0080 S C
MC L RP
REEL PACK
LEAD FREE
M
icro Capacitance
Ipp Rating(10x1000µs) C=100A
Package Type(DO-214AA)
Median Voltage
P=SIDACtor Protection Thyristor
P0080SCMCLRP(Marking:P008C)
Fast delivery Time
3
Revised:February 25,2014
www.huaandz.com


Similar Part No. - P3100SCMCLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3100SCMCLRP LITTELFUSE-P3100SCMCLRP Datasheet
135Kb / 4P
   MC Series DO-214 are low capacitance SIDACtor짰 devices designed to protect
More results

Similar Description - P3100SCMCLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB Datasheet
912Kb / 5P
   SIDACtor Protection Thyristors
P3403ACMCL LITTELFUSE-P3403ACMCL Datasheet
1Mb / 4P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SB HUAXINAN-P2000SB Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P20C HUAXINAN-P20C Datasheet
294Kb / 4P
   SIDACtor Protection Thyristors
PXXXC HUAXINAN-PXXXC Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
P0080ECMCL HUAXINAN-P0080ECMCL Datasheet
332Kb / 6P
   SIDACtor Protection Thyristors
P11LA HUAXINAN-P11LA Datasheet
320Kb / 6P
   SIDACtor Protection Thyristors
logo
Littelfuse
P0300SCRP LITTELFUSE-P0300SCRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SALRP HUAXINAN-P2000SALRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P2000SCLRP HUAXINAN-P2000SCLRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com