Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-7800A Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7800A
Description  15 kV/關s Common-Mode Rejection at VCM = 1000 V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7800A Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-7800A Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image

HCPL-7800A/HCPL-7800
Isolation Amplifer
Datasheet
Description
The HCPL-7800(A) isolation amplifier family was designed
for current sensing in electronic motor drives. In a typical
implementation, motor currents flow through an external
resistor and the resulting analog voltage drop is sensed
by the HCPL-7800(A). A differential output voltage is
created on the other side of the HCPL-7800(A) optical
isolation barrier. This differential output voltage is pro-
portional to the motor current and can be converted to
a single-ended signal by using an op-amp as shown in
the recommended application circuit. Since common-
mode voltage swings of several hundred volts in tens of
nanoseconds are common in modern switching inverter
motor drives, the HCPL-7800(A) was designed to ignore
very high common-mode transient slew rates (of at least
10 kV/µs).
The high CMR capability of the HCPL-7800(A) isolation
amplifier provides the precision and stability needed to
accurately monitor motor current in high noise motor
control environ-ments, providing for smoother control
(less “torque ripple”) in various types of motor control
applications.
The product can also be used for general analog signal
isolation applications requiring high accuracy, stability,
and linearity under similarly severe noise con-ditions.
For general applications, we recommend the HCPL-7800
(gain tolerance of ±3%). For precision applications Avago
Technologies offers the HCPL-7800A with part-to-part
gain tolerance of ±1%. The HCPL-7800(A) utilizes sigma
delta (Σ−∆) analog-to-digital converter technology,
chopper stabilized amplifiers, and a fully differential
circuit topology.
Together, these features deliver unequaled isolation-
mode noise rejection, as well as excellent offset and
gain accuracy and stability over time and temperature.
This performance is delivered in a compact, auto-insert-
able, industry standard 8-pin DIP package that meets
worldwide regulatory safety standards. (A gull-wing
surface mount option #300 is also available).
Features
• 15 kV/µs Common-Mode Rejection at VCM = 1000 V
• Compact, Auto-Insertable Standard 8-pin DIP Pack-
age
• 0.00025 V/V/°C Gain Drift vs. Temperature
• 0.3 mV Input Offset Voltage
• 100 kHz Bandwidth
• 0.004% Nonlinearity
• WorldwideSafetyApproval:UL1577(3750Vrms/1min.)
and CSA, IEC/EN/DIN EN 60747-5-2
• Advanced Sigma-Delta (Σ−∆) A/D Converter Technol-
ogy
• Fully Differential Circuit Topology
Applications
• Motor Phase and Rail Current Sensing
• Inverter Current Sensing
• Switched Mode Power Supply Signal Isolation
• General Purpose Current Sensing and Monitoring
• General Purpose Analog Signal Isolation
Functional Diagram
1
2
3
4
8
7
6
5
IDD1
VDD1
VIN+
VIN-
GND1
IDD2
VDD2
VOUT+
VOUT-
GND2
+
-
+
-
SHIELD
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and /or degradation which may be induced by ESD.
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
NOTE: A 0.1 μF bypass capacitor must be connected
between pins 1 and 4 and between pins 5 and 8.


Similar Part No. - HCPL-7800A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7800A HP-HCPL-7800A Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
HCPL-7800A HP-HCPL-7800A Datasheet
415Kb / 17P
   High CMR Isolation Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   Isolation Amplifer
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
More results

Similar Description - HCPL-7800A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800A-000E AVAGO-HCPL-7800A-000E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-500E AVAGO-HCPL-7800A-500E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-300E AVAGO-HCPL-7800A-300E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
logo
Analog Devices
ADUM260N AD-ADUM260N Datasheet
364Kb / 23P
   High common-mode transient immunity: 100 kV/關s
ADUM250N AD-ADUM250N Datasheet
554Kb / 22P
   High common-mode transient immunity: 100 kV/關s
logo
IXYS Corporation
CPC5710N IXYS-CPC5710N Datasheet
236Kb / 10P
   Excellent common-mode rejection ratio (CMRR)
logo
NXP Semiconductors
TDA8579T PHILIPS-TDA8579T_15 Datasheet
531Kb / 16P
   Dual common-mode rejection differential line receiver
Rev. 4-23 September 2013
logo
Texas Instruments
INA1650 TI1-INA1650 Datasheet
1Mb / 39P
[Old version datasheet]   SoundPlus High Common-Mode Rejection Line Receiver
logo
NXP Semiconductors
TDA8578 PHILIPS-TDA8578 Datasheet
55Kb / 13P
   Dual common-mode rejection differential line receiver
1995 Dec 15
logo
Analog Devices
SSM2141 AD-SSM2141_15 Datasheet
208Kb / 8P
   High Common-Mode Rejection Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com