Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-7800A Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7800A
Description  15 kV/關s Common-Mode Rejection at VCM = 1000 V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7800A Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7800A Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image

Notes:
General Note: Typical values represent the mean value of all char-
acterization units at the nominal operating conditions. Typical drift
specifications are determined by calculating the rate of change of the
specified parameter versus the drift pa-rameter (at nominal operat-
ing conditions) for each characterization unit, and then averaging the
individual unit rates. The corresponding drift figures are normalized
to the nominal operating conditions and show how much drift occurs
as the par-ticular drift parameter is varied from its nominal value, with
all other parameters held at their nominal operating values. Note that
the typical drift specifications in the tables below may differ from the
slopes of the mean curves shown in the corresponding figures.
1. Avago Technologies recommends operation with VIN- = 0 V (tied to
GND1). Limiting VIN+ to 100 mV will improve DC nonlinearity and
nonlinearity drift. If VIN- is brought above VDD1 – 2 V, an internal test
mode may be activated. This test mode is for testing LED coupling
and is not intended for customer use.
2. This is the Absolute Value of Input Offset Change vs. Temperature.
3. Gain is defined as the slope of the best-fit line of differential output
voltage (VOUT+–VOUT- ) vs. differential input voltage (VIN+–VIN-) over
the specified input range.
4. This is the Absolute Value of Gain Change vs. Temperature.
5. Nonlinearity is defined as half of the peak-to-peak output deviation
from the best-fit gain line, expressed as a percentage of the full-
scale differential output voltage.
6. NL100 is the nonlinearity specified over an input voltage range of
±100 mV.
7. The input supply current decreases as the differential input voltage
(VIN+–VIN-) decreases.
8. The maximum specified output supply current occurs when the
differential input voltage (VIN+–VIN-) = -200 mV, the maximum rec-
ommended operat-ing input voltage. However, the out-put sup-
ply current will continue to rise for differential input voltages up to
approximately -300 mV, beyond which the output supply current
remains constant.
9. Because of the switched-capacitor nature of the input sigma-delta
con-verter, time-averaged values are shown.
10. When the differential input signal exceeds approximately 308 mV,
the outputs will limit at the typical values shown.
11. Short circuit current is the amount of output current generated
when either output is shorted to VDD2 or ground.
12. CMRR is defined as the ratio of the differential signal
gain (signal applied differentially between pins 2 and 3)
to the common-mode gain (input pins tied together and the signal
applied to both inputs at the same time), expressed in dB.
13. Output noise comes from two primary sources: chopper noise
and sigma-delta quantization noise. Chopper noise results from
chopper stabilization of the output op-amps. It occurs at a specific
frequency (typically 400 kHz at room temperature), and is not at-
tenuated by the internal output filter. A filter circuit can be easily
added to the external post-amplifier to reduce the total rms output
noise. The internal output filter does eliminate most, but not all, of
the sigma-delta quantization noise. The magnitude of the output
quantization noise is very small at lower frequencies (below 10 kHz)
and increases with increasing frequency.
14. CMTI (Common Mode Transient Immunity or CMR, Common Mode
Rejection) is tested by applying an exponentially rising/falling volt-
age step on pin 4 (GND1) with respect to pin 5 (GND2). The rise time
of the test waveform is set to approximately 50 ns. The amplitude
of the step is adjusted until the differential output (VOUT+–VOUT-)
exhibits more than a 200 mV deviation from the average output
voltage for more than 1µs. The HCPL-7800(A) will continue to func-
tion if more than 10 kV/µs common mode slopes are applied, as
long as the breakdown voltage limitations are observed.
15. Data sheet value is the differential amplitude of the transient at the
output of the HCPL-7800(A) when a 1 Vpk-pk, 1 MHz square wave
with 40 ns rise and fall times is applied to both VDD1 and VDD2.
16. In accordance with UL 1577, each optocoupler is proof tested by ap-
plying an insulation test voltage ≥4500 Vrms for 1 second (leakage
detection current limit, II-O ≤ 5 µA). This test is performed before
the 100% production test for partial discharge (method b) shown in
IEC/EN/DIN EN 60747-5-2 Insulation Characteristic Table.
17. The Input-Output Momentary Withstand Voltage is a dielectric
voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer
to the IEC/EN/DIN EN 60747-5-2 insulation characteristics table and
your equipment level safety specification.
18. This is a two-terminal measurement: pins 1–4 are shorted together
and pins 5–8 are shorted together.


Similar Part No. - HCPL-7800A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7800A HP-HCPL-7800A Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
HCPL-7800A HP-HCPL-7800A Datasheet
415Kb / 17P
   High CMR Isolation Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   Isolation Amplifer
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
More results

Similar Description - HCPL-7800A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800A-000E AVAGO-HCPL-7800A-000E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-500E AVAGO-HCPL-7800A-500E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-300E AVAGO-HCPL-7800A-300E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
logo
Analog Devices
ADUM260N AD-ADUM260N Datasheet
364Kb / 23P
   High common-mode transient immunity: 100 kV/關s
ADUM250N AD-ADUM250N Datasheet
554Kb / 22P
   High common-mode transient immunity: 100 kV/關s
logo
IXYS Corporation
CPC5710N IXYS-CPC5710N Datasheet
236Kb / 10P
   Excellent common-mode rejection ratio (CMRR)
logo
NXP Semiconductors
TDA8579T PHILIPS-TDA8579T_15 Datasheet
531Kb / 16P
   Dual common-mode rejection differential line receiver
Rev. 4-23 September 2013
logo
Texas Instruments
INA1650 TI1-INA1650 Datasheet
1Mb / 39P
[Old version datasheet]   SoundPlus High Common-Mode Rejection Line Receiver
logo
NXP Semiconductors
TDA8578 PHILIPS-TDA8578 Datasheet
55Kb / 13P
   Dual common-mode rejection differential line receiver
1995 Dec 15
logo
Analog Devices
SSM2141 AD-SSM2141_15 Datasheet
208Kb / 8P
   High Common-Mode Rejection Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com