Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG350 Datasheet(PDF) 4 Page - Littelfuse

Part # SG350
Description  Gas Discharge Tube (GDT) Products
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SG350 Datasheet(HTML) 4 Page - Littelfuse

  SG350 Datasheet HTML 1Page - Littelfuse SG350 Datasheet HTML 2Page - Littelfuse SG350 Datasheet HTML 3Page - Littelfuse SG350 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Gas Discharge Tube (GDT) Products
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/25/13
SG Series
Tape and Reel Dimensions (IEC60286-3,dimensioninmm)
18.4 max.
12.4 +2/-0
11.9 min.
12.8 min.
1.5 min.
R0.75
SMD-Tape has to withstand
a minimum Force of
F > 20 N / pocket
2 Kg / pocket
minimum vertical load
(minimum checking
quantity:10 pockets)
A
A
B
B
Reel Specifications
IEC 60286-3
Dimensions in mm
Tape Specifications
IEC 60286-3
Dimensions in mm
section
B-B
section
A-A
2 ±0.1
4 ±0.10
Ø 1.55 ±0.05 Ø 1.6 ±0.1
8 ±0.1
3.65±0.1
R0.5 typical
3 ±0.1
0.4 ±0.05
Part Numbering System and Ordering Information
SG xxx Q
Breakdown Voltage
75 = 75V
90 = 90V
150 = 150V
230 = 230V
300 = 300V
350 = 350V
400 = 400V
420 = 420V
450 = 450V
500 = 500V
600 = 600V
Series
Square GDT
Device Option Code
(Blank) = Standard device
Q
= Quick Response Version
(300V, 350V, 420V, 450V,
500V, 600V only)
Packaging
Part Number and DeviceType
Quantity and Packaging
Description
SGxxx
Surface mount
2000pcs/reel in tape and reel


Similar Part No. - SG350

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG3501A ETC1-SG3501A Datasheet
378Kb / 6P
   DUAL VOLTAGE TRACKING REGULATOR
SG3501AJ ETC1-SG3501AJ Datasheet
378Kb / 6P
   DUAL VOLTAGE TRACKING REGULATOR
SG3501AN ETC1-SG3501AN Datasheet
378Kb / 6P
   DUAL VOLTAGE TRACKING REGULATOR
SG3501AT ETC1-SG3501AT Datasheet
378Kb / 6P
   DUAL VOLTAGE TRACKING REGULATOR
logo
Microsemi Corporation
SG3503 MICROSEMI-SG3503 Datasheet
152Kb / 3P
   PRECISION 2.5-VOLT REFERENCE
More results

Similar Description - SG350

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2-350L LITTELFUSE-CG2-350L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1003A090C LITTELFUSE-SL1003A090C Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com