Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG75 Datasheet(PDF) 3 Page - Littelfuse

Part # SG75
Description  Gas Discharge Tube (GDT) Products
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SG75 Datasheet(HTML) 3 Page - Littelfuse

  SG75 Datasheet HTML 1Page - Littelfuse SG75 Datasheet HTML 2Page - Littelfuse SG75 Datasheet HTML 3Page - Littelfuse SG75 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Gas Discharge Tube (GDT) Products
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/25/13
SG Series
Reflow Condition
Pb–Freeassembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (Min to Max) (t
s)
60 – 180 secs
Average ramp up rate (LiquidusTemp
(T
L) to peak
3°C/secondmax
T
S(max) to TL - Ramp-up Rate
5°C/secondmax
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5°C
Time within 5°C of actual peak
Temperature (t
p)
10 – 30 seconds
Ramp-down Rate
6°C/secondmax
Time 25°C to peakTemperature (T
P)
8minutesMax.
Do not exceed
260°C
Soldering Parameters - Reflow Soldering (Surface Mount Devices)
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Device Dimensions
4.5 +/- 0.3
2.7 +/- 0.3
0.5 +/- 0.1
5.2
2.8
3.2 +/- 0.3
Recommended Soldering Pad Layout
4
Dimensions in Millimeters.
Device Marking
Type
Code
A3A
Production
Year Code
(last digit)
Production
Month Code
Type Code
A
SG75
B
SG90
C
SG150
D
SG230
E
SG300
F
SG300Q
G
SG350
H
SG350Q
I
SG400
J
SG420
K
SG420Q
L
SG450Q
M
SG500Q
N
SG600Q
Month Code
A
January
B
February
C
March
D
April
E
May
F
June
G
July
H
August
I
September
J
October
K
November
L
December


Similar Part No. - SG75

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
logo
Microsemi Corporation
SG75327 MICROSEMI-SG75327 Datasheet
32Kb / 3P
   QUAD SOURCE MEMORY DRIVER
SG75327J MICROSEMI-SG75327J Datasheet
32Kb / 3P
   QUAD SOURCE MEMORY DRIVER
SG75327N MICROSEMI-SG75327N Datasheet
32Kb / 3P
   QUAD SOURCE MEMORY DRIVER
SG75451B MICROSEMI-SG75451B Datasheet
35Kb / 3P
   DUAL PERIPHERAL POSITIVE-AND DRIVER
More results

Similar Description - SG75

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2-350L LITTELFUSE-CG2-350L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1003A090C LITTELFUSE-SL1003A090C Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com