Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG75 Datasheet(PDF) 2 Page - Littelfuse

Part # SG75
Description  Gas Discharge Tube (GDT) Products
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SG75 Datasheet(HTML) 2 Page - Littelfuse

  SG75 Datasheet HTML 1Page - Littelfuse SG75 Datasheet HTML 2Page - Littelfuse SG75 Datasheet HTML 3Page - Littelfuse SG75 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Gas Discharge Tube (GDT) Products
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/25/13
SG Series
Part
Number
Device Specifications(at25°C)
Life Ratings
DC Breakdown
in Volts
(@100V/s)
Impulse
Breakdown
in Volts
(@100V/µs)
Impulse
Breakdown
In Volts
(@1Kv/µsec)
Insulation
Resistance
Capaci-
tance
(@1MHz)
Arc
Voltage
(@1A)
Glow
to Arc
Transition
Current
Glow
Voltage
Nominal
AC
Discharge
Current
(x10@50Hz)
Nominal
Impulse
Discharge
Current
(x10@8/20µs)
Nominal
Impulse
Discharge
Current
(10/1000µs
100cycles)
MIN TYP MAX
MAX
MIN
MAX
SG75
52
75
98
500
650
>1GΩ
(at50VDC)
<1pf
~10V
~1.0 A
~60V
2 A
2kA
10 A
SG90
63
90
117
500
600
SG150
105 150 195
500
600
SG230
172 230 288
650
800
1kA
SG300
225 300 375
700
850
~12V
~0.5 A
~90V
SG300Q 210 300 390
580
650
~20V
~0.8 A
~140V
NA*
SG350
263 350 437
750
900
<0.8pf
~12V
~0.5 A
~90V
2 A
SG350Q 263 350 437
600
700
~140V
NA*
SG400
300 400 500
800
950
~90V
2 A
SG420
315 420 525
800
1000
<1pf
~10V
<1.0A
~60V
2 A
SG420Q 315 420 525
650
750
~20V
~140V
NA*
SG450Q 370 450 550
680
750
>1GΩ
(at
100VDC)
~20V
1 A
SG500Q 400 500 600
950
1050
<0.5pf
~16V
~0.1 A
2 A
SG600Q 450 600 750
1100
1200
<1pf
~20V
<0.5A
*Specificationisnotapplicableforquickresponse(SGxxxQ)versionofproduct
Product Characteristics
Materials
DeviceTinPlated17.5±12.5Microns
Construction Ceramic Insulator.
Storage and
Operational
Temperature
-40to+90°C
Electrical Characteristics
Time (ns)
0
200
400
600
800
1000
1200
Max dynamic breakover
voltage
Hold-over voltage
On-State voltage
Voltage vs.Time Characteristic
@1.0GHz=0.01dB
@1.4GHz=0.1dB
@1.8GHz=0.53dB
@2.1GHz=0.81dB
@2.45GHz=1dB
@2.8GHz=1.2dB
@3.1GHz=1.5dB
@3.5GHz=2.1dB
Typical Insertion Loss


Similar Part No. - SG75

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
logo
Microsemi Corporation
SG75327 MICROSEMI-SG75327 Datasheet
32Kb / 3P
   QUAD SOURCE MEMORY DRIVER
SG75327J MICROSEMI-SG75327J Datasheet
32Kb / 3P
   QUAD SOURCE MEMORY DRIVER
SG75327N MICROSEMI-SG75327N Datasheet
32Kb / 3P
   QUAD SOURCE MEMORY DRIVER
SG75451B MICROSEMI-SG75451B Datasheet
35Kb / 3P
   DUAL PERIPHERAL POSITIVE-AND DRIVER
More results

Similar Description - SG75

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2-350L LITTELFUSE-CG2-350L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1003A090C LITTELFUSE-SL1003A090C Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com