Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LIA101P Datasheet(PDF) 4 Page - Clare, Inc.

Part # LIA101P
Description  Linear Isolation Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LIA101P Datasheet(HTML) 4 Page - Clare, Inc.

  LIA101P Datasheet HTML 1Page - Clare, Inc. LIA101P Datasheet HTML 2Page - Clare, Inc. LIA101P Datasheet HTML 3Page - Clare, Inc. LIA101P Datasheet HTML 4Page - Clare, Inc. LIA101P Datasheet HTML 5Page - Clare, Inc. LIA101P Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
LIA101
Rev. X
www.clare.com
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
LIA100/LIA101
LED Peak Wavelength vs.
Ambient Temperature
900
890
880
870
860
850
-50
-25
0
25
50
75
100
125
Temperature (
°C)
875nm @ 25
°C
LIA100/LIA101
Typical LED Forward Voltage Drop
vs. LED Temperature
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
-40
-20
0
20
40
60
80
100
Temperature (
°C)
20mA
10mA
5mA
LIA100/LIA101
LED Power vs. Time @
Die Temperature of 70
°C
0
20000
40000
60000
80000
100000
100
Time (Hours)
95
90
85
80
LIA100/LIA101
LED Power vs. Time @
Die Temperature of 150
°C
0
20000
40000
60000
80000
100000
100
80
60
40
20
0
Time (Hours)
0.1
1
10
28
24
20
16
12
8
4
Output Load RL (KΩ)
LIA100/LIA101
Op-Amp Output Voltage
Swing vs. RL
VS = ±15V
TA = 25°C
20
40
35
30
25
20
15
10
5
05
10
15
Supply Voltage (
±V)
LIA100/LIA101
Op-amp Output Voltage Swing
vs. Supply Voltage
TA = 25°C
RL = 2KΩ
0
LIA100/LIA101
Input / Output Leakage Current vs.
RMS Voltage
800
700
600
500
400
300
200
1
1.5
22.5
33.5
4
RMS Voltage (kV)
LIA100/LIA101
Individual Op-Amp Supply Current vs.
Supply Voltage
7
6
5
4
3
2
1
0
0
5
10
15
20
25
Supply Voltage (V)
TC = 25°C
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
1
10
100
1000
Frequency (kHz)
LIA100/LIA101
Frequency Response
(RF = RIN = 20kΩ, CF = 20pF) TA = 25°C
100
0
-10
-20
-30
-40
-50
-60
-70
-80
1000
10000
100000
Frequency (Hz)
LIA100/LIA101
Phase Response
20
0
-20
-40
-60
-80
-100
-120
-120
-100
-80
-60
-40
-20
020
Input (dB)
LIA100/LIA101
Linearity
LIA100/LIA101
Deviation from Perfect Linearity
Output (dB)
-100 -90 -80 -70 -60 -50 -40 -30 -20 -10
0
10
5
4
3
2
1
0
-1
-2
-3
-4
-5
0
10
100
1000
10000
100000
-20
-40
-60
-80
-100
-120
Frequency (Hz)
LIA100/LIA101
Wideband Noise
1
0.1
1
10
100
0.1
0.01
0.001
0.0001
Frequency (kHz)
LIA100/LIA101
THD + Noise


Similar Part No. - LIA101P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LIA100 CLARE-LIA100 Datasheet
96Kb / 6P
   Linear Isolation Amplifier
LIA100P CLARE-LIA100P Datasheet
96Kb / 6P
   Linear Isolation Amplifier
LIA100PTR CLARE-LIA100PTR Datasheet
96Kb / 6P
   Linear Isolation Amplifier
More results

Similar Description - LIA101P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LIA100 CLARE-LIA100 Datasheet
96Kb / 6P
   Linear Isolation Amplifier
logo
Burr-Brown (TI)
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
logo
List of Unclassifed Man...
1A175 ETC1-1A175 Datasheet
28Kb / 1P
   IA175 ULTR-LINEAR ISOLATION AMPLIFIER
logo
Intronics Power, Inc.
IA175 INTRONICS-IA175 Datasheet
525Kb / 6P
   ULTRA-LINEAR ISOLATION AMPLIFIER WITH EXTERNAL SYNC CAPABILITY
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840 AVAGO-HCPL-7840 Datasheet
320Kb / 19P
   Isolation Amplifier
HCPL-7840-560E AVAGO-HCPL-7840-560E Datasheet
151Kb / 19P
   Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
logo
Burr-Brown (TI)
3650 BURR-BROWN-3650 Datasheet
127Kb / 13P
   Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Rohm
BA3121 ROHM-BA3121 Datasheet
169Kb / 11P
   Ground isolation amplifier
BA3123F ROHM-BA3123F_15 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com