Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EEAFC0J270 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part No. EEAFC0J270
Description  Aluminum Electrolytic Capacitors/ FC
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

EEAFC0J270 Datasheet(HTML) 9 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FC
– EEE-71 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
Imped-
ance
(100 kHz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽H
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
( )(hours) (mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
63
6.8
4
11
80
3.500
1000
0.45
1.5
5.0
2.5
EEUFC1J6R8( )
200
2000
12
5
11
145
2.000
1000
0.50
2.0
5.0
2.5
EEUFC1J120( )
200
2000
18
5
15
200
1.300
1000
0.50
2.0
5.0
2.5
EEUFC1J180( )
200
2000
22
6.3
11.2
240
1.000
1000
0.50
2.5
5.0
2.5
EEUFC1J220( )
200
2000
33
6.3
11.2
240
1.000
1000
0.50
2.5
5.0
2.5
EEUFC1J330( )
200
2000
39
6.3
15
330
0.700
1000
0.50
2.5
5.0
2.5
EEUFC1J390( )
200
2000
47
8
11.5
405
0.342
2000
0.60
3.5
5.0
EEUFC1J470( )
200
1000
56
8
11.5
405
0.342
2000
0.60
3.5
5.0
EEUFC1J560( )
200
1000
68
8
11.5
405
0.342
2000
0.60
3.5
5.0
EEUFC1J680( )
200
1000
82
10
12.5
535
0.256
3000
0.60
5.0
5.0
EEUFC1J820( )
200
500
100
8
15
535
0.230
2000
0.60
3.5
5.0
EEUFC1J101L( )
200
1000
10
12.5
535
0.256
3000
0.60
5.0
5.0
EEUFC1J101( )
200
500
120
10
16
600
0.194
3000
0.60
5.0
5.0
EEUFC1J121( )
200
500
150
8
20
690
0.178
2000
0.60
3.5
5.0
EEUFC1J151( )
200
1000
180
10
20
885
0.147
3000
0.60
5.0
5.0
EEUFC1J181( )
200
500
12.5
15
1020
0.150
5000
0.60
5.0
5.0
EEUFC1J181S( )
200
500
220
10
20
885
0.147
3000
0.60
5.0
5.0
EEUFC1J221X( )
200
500
10
25
1050
0.1303000
0.60
5.0
5.0
EEUFC1J221( )
200
500
12.5
20
1285
0.085
5000
0.60
5.0
5.0
EEUFC1J221S( )
200
500
270
16
15
1410
0.090
5000
0.80
7.5
7.5
EEUFC1J271( )
100
250
330
10
30
1300
0.090
3000
0.60
5.0
EEUFC1J331L
100
12.5
20
1285
0.085
5000
0.60
5.0
5.0
EEUFC1J331( )
200
500
390
12.5
25
1720
0.070
5000
0.60
5.0
5.0
EEUFC1J391( )
200
500
18
15
1690
0.086
5000
0.80
7.5
7.5
EEUFC1J391S( )
100
250
470
12.5
30
2090
0.055
5000
0.80
5.0
EEUFC1J471L
100
16
20
1765
0.059
5000
0.80
7.5
7.5
EEUFC1J471( )
100
250
560
16
25
2160
0.050
5000
0.80
7.5
7.5
EEUFC1J561( )
100
250
680
12.5
35
2265
0.047
5000
0.80
5.0
EEUFC1J681L
100
16
25
2160
0.050
5000
0.80
7.5
7.5
EEUFC1J681( )
100
250
18
20
2290
0.055
5000
0.80
7.5
7.5
EEUFC1J681S( )
100
250
820
12.5
40
2560
0.042
5000
0.80
5.0
EEUFC1J821L
100
16
31.5
2670
0.043
5000
0.80
7.5
EEUFC1J821
100
18
25
2585
0.043
5000
0.80
7.5
7.5
EEUFC1J821S( )
100
250
1000
16
31.5
2670
0.043
5000
0.80
7.5
EEUFC1J102U
100
16
35.5
2770
0.036
5000
0.80
7.5
EEUFC1J102
100
1200
16
40
2825
0.030
5000
0.80
7.5
EEUFC1J122L
100
18
31.5
2950
0.032
5000
0.80
7.5
EEUFC1J122
50
1500
18
35.5
3095
0.030
5000
0.80
7.5
EEUFC1J152
50
1800
18
40
3205
0.025
5000
0.80
7.5
EEUFC1J182
50
· When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, H=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
Endurance : 105 °C
φ4 to φ6.3=1000 h, φ8=2000 h, φ10=3000 h, φ12.5 to φ18=5000 h
00 Nov. 2012


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn