Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EEAFC0J270 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part No. EEAFC0J270
Description  Aluminum Electrolytic Capacitors/ FC
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

EEAFC0J270 Datasheet(HTML) 8 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FC
– EEE-70 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
Imped-
ance
(100 kHz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽H
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
( )(hours) (mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
50
1.0
5
11
20
2.4001000
0.50
2.05.0
2.5
EEUFC1H1R0( )
200
2000
2.2
5
11
45
1.800
1000
0.50
2.0
5.0
2.5
EEUFC1H2R2( )
200
2000
3.3
5
11
65
1.3001000
0.50
2.05.0
2.5
EEUFC1H3R3( )
200
2000
4.7
5
11
95
1.300
1000
0.50
2.0
5.0
2.5
EEUFC1H4R7( )
200
2000
10
4
11
90
2.500
1000
0.45
1.5
5.0
2.5
EEUFC1H100( )
200
2000
5
11
125
1.300
1000
0.50
2.05.0
2.5
EEUFC1H100L( )
200
2000
12
5
11
135
1.300
1000
0.50
2.05.0
2.5
EEUFC1H120( )
200
2000
15
5
11
145
1.300
1000
0.50
2.05.0
2.5
EEUFC1H150( )
200
2000
18
5
11
155
1.300
1000
0.50
2.05.0
2.5
EEUFC1H180( )
200
2000
22
5
11
155
1.300
1000
0.50
2.05.0
2.5
EEUFC1H220( )
200
2000
27
5
15
215
0.900
1000
0.50
2.05.0
2.5
EEUFC1H270( )
200
2000
33
6.3
11.2
260
0.600
1000
0.50
2.5
5.0
2.5
EEUFC1H330( )
200
2000
39
6.3
11.2
260
0.600
1000
0.50
2.5
5.0
2.5
EEUFC1H390( )
200
2000
47
6.3
11.2
260
0.600
1000
0.50
2.5
5.0
2.5
EEUFC1H470( )
200
2000
56
6.3
15
360
0.400
1000
0.50
2.5
5.0
2.5
EEUFC1H560( )
200
2000
68
8
11.5
485
0.234
2000
0.60
3.5
5.0
EEUFC1H680( )
200
1000
82
8
11.5
485
0.234
2000
0.60
3.5
5.0
EEUFC1H820( )
200
1000
100
10
12.5
615
0.162
3000
0.60
5.0
5.0
EEUFC1H101( )
200
500
120
8
15
635
0.155
2000
0.60
3.5
5.0
EEUFC1H121L( )
200
1000
10
12.5
615
0.162
3000
0.60
5.0
5.0
EEUFC1H121( )
200
500
150
10
16
850
0.119
3000
0.60
5.0
5.0
EEUFC1H151( )
200
500
180
8
20
860
0.120
2000
0.60
3.5
5.0
EEUFC1H181L( )
200
1000
10
16
850
0.119
3000
0.60
5.0
5.0
EEUFC1H181( )
200
500
220
10
20
1030
0.090
3000
0.60
5.0
5.0
EEUFC1H221( )
200
500
12.5
15
1150
0.110
5000
0.60
5.0
5.0
EEUFC1H221S( )
200
500
270
10
25
1200
0.082
3000
0.60
5.0
5.0
EEUFC1H271( )
200
500
330
10
30
1610
0.060
3000
0.60
5.0
EEUFC1H331L
100
12.5
20
1480
0.063
5000
0.60
5.0
5.0
EEUFC1H331( )
200
500
390
12.5
20
1480
0.063
5000
0.60
5.0
5.0
EEUFC1H391( )
200
500
16
15
1610
0.080
5000
0.80
7.5
7.5
EEUFC1H391S( )
100
250
470
10
30
1610
0.060
3000
0.60
5.0
EEUFC1H471L
100
12.5
25
1832
0.050
5000
0.60
5.0
5.0
EEUFC1H471( )
200
500
560
12.5
25
1832
0.050
5000
0.60
5.0
5.0
EEUFC1H561( )
200
500
18
15
1900
0.068
5000
0.80
7.5
7.5
EEUFC1H561S( )
100
250
680
12.5
30
2215
0.040
5000
0.80
5.0
EEUFC1H681L
100
16
20
1835
0.048
5000
0.80
7.5
7.5
EEUFC1H681( )
100
250
820
12.5
35
2285
0.034
5000
0.80
5.0
EEUFC1H821L
100
18
20
2420
0.042
5000
0.80
7.5
7.5
EEUFC1H821( )
100
250
1000
12.5
40
2590
0.030
5000
0.80
5.0
EEUFC1H102L
100
16
25
2235
0.034
5000
0.80
7.5
7.5
EEUFC1H102( )
100
250
1200
16
31.5
2700
0.028
5000
0.80
7.5
EEUFC1H122
100
18
25
2610
0.029
5000
0.80
7.5
7.5
EEUFC1H122S( )
100
250
1500
16
35.5
2790
0.025
5000
0.80
7.5
EEUFC1H152L
100
1800
16
40
2845
0.023
5000
0.80
7.5
EEUFC1H182L
100
18
31.5
3000
0.025
5000
0.80
7.5
EEUFC1H182
50
2200
18
35.5
3100
0.023
5000
0.80
7.5
EEUFC1H222
50
· When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, H=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
Endurance : 105 °C
φ4 to φ6.3=1000 h, φ8=2000 h, φ10=3000 h, φ12.5 to φ18=5000 h
00 Nov. 2012


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn