Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EEAFC0J270 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. EEAFC0J270
Description  Aluminum Electrolytic Capacitors/ FC
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

EEAFC0J270 Datasheet(HTML) 4 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FC
– EEE-66 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
Imped-
ance
(100 kHz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽H
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
( )(hours) (mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
10
22
4
765
2.000
1000
0.45
1.5
5.0
2.5
EEAFC1A220( )
200
2000
39
5
7
120
0.950
1000
0.45
2.0
5.0
2.5
EEAFC1A390( )
200
2000
47
4
11
120
1.300
1000
0.45
1.55.0
2.5
EEUFC1A470( )
200
2000
82
5
11
175
0.800
1000
0.50
2.05.0
2.5
EEUFC1A820( )
200
2000
6.3
7
200
0.450
1000
0.45
2.5
5.0
2.5
EEAFC1A820( )
200
2000
100
5
11
175
0.800
1000
0.50
2.05.0
2.5
EEUFC1A101S( )
200
2000
5
15
235
0.500
1000
0.50
2.05.0
2.5
EEUFC1A101( )
200
2000
150
6.3
11.2
290
0.350
1000
0.50
2.5
5.0
2.5
EEUFC1A151( )
200
2000
180
6.3
11.2
290
0.350
1000
0.50
2.5
5.0
2.5
EEUFC1A181( )
200
2000
220
6.3
11.2
290
0.350
1000
0.50
2.5
5.0
2.5
EEUFC1A221S( )
200
2000
6.3
15
400
0.250
1000
0.50
2.55.0
2.5
EEUFC1A221( )
200
2000
330
8
11.5
555
0.117
2000
0.60
3.5
5.0
EEUFC1A331( )
200
1000
390
8
11.5
555
0.117
2000
0.60
3.5
5.0
EEUFC1A391( )
200
1000
470
8
11.5
555
0.117
2000
0.60
3.5
5.0
EEUFC1A471( )
200
1000
560
10
12.5
755
0.090
3000
0.60
5.0
5.0
EEUFC1A561( )
200
500
680
8
15
730
0.085
2000
0.60
3.5
5.0
EEUFC1A681L( )
200
1000
10
12.5
755
0.090
3000
0.60
5.0
5.0
EEUFC1A681( )
200
500
820
10
16
1050
0.068
3000
0.60
5.0
5.0
EEUFC1A821( )
200
500
1000
8
20
995
0.065
2000
0.60
3.5
5.0
EEUFC1A102L( )
200
1000
10
16
1050
0.068
3000
0.60
5.0
5.0
EEUFC1A102( )
200
500
1200
10
20
1220
0.052
3000
0.60
5.0
5.0
EEUFC1A122( )
200
500
12.5
15
1205
0.065
5000
0.60
5.0
5.0
EEUFC1A122S( )
200
500
1500
10
25
1440
0.045
3000
0.60
5.0
5.0
EEUFC1A152( )
200
500
1800
12.5
20
1655
0.038
5000
0.60
5.0
5.0
EEUFC1A182( )
200
500
16
15
1690
0.043
5000
0.80
7.5
7.5
EEUFC1A182S( )
100
250
2200
10
30
1815
0.035
3000
0.60
5.0
EEUFC1A222L
100
12.5
20
1655
0.038
5000
0.60
5.0
5.0
EEUFC1A222( )
200
500
2700
12.5
25
1945
0.030
5000
0.60
5.0
5.0
EEUFC1A272( )
200
500
18
15
2000
0.038
5000
0.80
7.5
7.5
EEUFC1A272S( )
100
250
3300
12.5
30
2310
0.025
5000
0.80
5.0
EEUFC1A332
100
16
20
2205
0.029
5000
0.80
7.5
7.5
EEUFC1A332S( )
100
250
3900
12.5
35
2510
0.022
5000
0.80
5.0
EEUFC1A392L
100
16
20
2205
0.029
5000
0.80
7.5
7.5
EEUFC1A392( )
100
250
4700
12.5
40
2655
0.018
5000
0.80
5.0
EEUFC1A472L
100
16
25
2555
0.022
5000
0.80
7.5
7.5
EEUFC1A472( )
100
250
5600
16
25
2555
0.022
5000
0.80
7.5
7.5
EEUFC1A562( )
100
250
18
20
2490
0.028
5000
0.80
7.5
7.5
EEUFC1A562S( )
100
250
6800
16
31.5
3010
0.018
5000
0.80
7.5
EEUFC1A682
100
18
25
2740
0.020
5000
0.80
7.5
7.5
EEUFC1A682S( )
100
250
8200
16
35.5
3150
0.016
5000
0.80
7.5
EEUFC1A822L
100
18
31.5
3635
0.016
5000
0.80
7.5
EEUFC1A822
50
10000
18
35.5
3680
0.015
5000
0.80
7.5
EEUFC1A103
50
12000
18
40
3735
0.014
5000
0.80
7.5
EEUFC1A123
50
· When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, H=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
Endurance : 105 °C
φ4 to φ6.3=1000 h, φ8=2000 h, φ10=3000 h, φ12.5 to φ18=5000 h
00 Nov. 2012


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn