Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCC110PTR Datasheet(PDF) 5 Page - Clare, Inc.

Part # LCC110PTR
Description  Common Input OptoMOS Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCC110PTR Datasheet(HTML) 5 Page - Clare, Inc.

  LCC110PTR Datasheet HTML 1Page - Clare, Inc. LCC110PTR Datasheet HTML 2Page - Clare, Inc. LCC110PTR Datasheet HTML 3Page - Clare, Inc. LCC110PTR Datasheet HTML 4Page - Clare, Inc. LCC110PTR Datasheet HTML 5Page - Clare, Inc. LCC110PTR Datasheet HTML 6Page - Clare, Inc. LCC110PTR Datasheet HTML 7Page - Clare, Inc. LCC110PTR Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LCC110
www.clare.com
5
Rev. 4
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
LCC110 - FormB
Typical Turn-On vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.075
0.074
0.073
0.072
0.071
0.070
50
LCC110 - FormA
Typical Turn-Off vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.25
0.20
0.15
0.10
0.05
0
50
LCC110 - FormB
Typical Turn-Off vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.40
0.35
0.30
0.25
0.20
0.15
50
LCC110 - FormA
Typical On-Resistance vs. Temperature
(Load Current = 120mADC; IF = 8mADC)
Temperature (
°C)
-40
40
35
30
25
20
15
10
5
0
-20
0
20
40
60
80
100
LCC110 FormB
Typical On-Resistance vs. Temperature
(Load Current = 120mADC; IF = 8mADC)
Temperature (
°C)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
LCC110 - FormA
Typical IF for Switch Operation vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
LCC110 - FormB
Typical IF for Switch Operation vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
LCC110 - FormA
Typical IF for Switch Dropout vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
LCC110 - FormB
Typical IF for Switch Dropout vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
LCC110 - FormA
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C; IF = 8mADC)
Load Voltage (V)
150
100
50
0
-50
-100
-150
-3
-1
-2
0
1
2
3
LCC110 - FormB
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C; IF = 8mADC)
Load Voltage (V)
150
100
50
0
-50
-100
-150
-4
-2
-1
-3
1
3
4
2
0
LCC110
Energy Rating Curve
Time
10
µs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100
µs
100ms
1s
10ms
10s
100s


Similar Part No. - LCC110PTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCC110PTR IXYS-LCC110PTR Datasheet
148Kb / 9P
   1-Form-C OptoMOS Relay
More results

Similar Description - LCC110PTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCC120 CLARE-LCC120 Datasheet
105Kb / 7P
   COMMON INPUT OptoMOS Relay
LCA211 CLARE-LCA211 Datasheet
73Kb / 4P
   COMMON INPUT OptoMOS Relay
logo
IXYS Corporation
LCA210L IXYS-LCA210L Datasheet
122Kb / 7P
   Common Input, Dual-Pole OptoMOS Relay
LCA220 IXYS-LCA220 Datasheet
123Kb / 7P
   Common Input, Dual Single-Pole OptoMOS Relay
logo
Clare, Inc.
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
   Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
   Single Pole OptoMOS Relay
XAA170 CLARE-XAA170 Datasheet
117Kb / 7P
   DUAL POLE OptoMOS Relay
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
   DUAL POLE OptoMOS Relay
LBB110 CLARE-LBB110 Datasheet
149Kb / 7P
   DUAL POLE OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
   Single Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com