Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCC110PTR Datasheet(PDF) 3 Page - Clare, Inc.

Part # LCC110PTR
Description  Common Input OptoMOS Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCC110PTR Datasheet(HTML) 3 Page - Clare, Inc.

  LCC110PTR Datasheet HTML 1Page - Clare, Inc. LCC110PTR Datasheet HTML 2Page - Clare, Inc. LCC110PTR Datasheet HTML 3Page - Clare, Inc. LCC110PTR Datasheet HTML 4Page - Clare, Inc. LCC110PTR Datasheet HTML 5Page - Clare, Inc. LCC110PTR Datasheet HTML 6Page - Clare, Inc. LCC110PTR Datasheet HTML 7Page - Clare, Inc. LCC110PTR Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LCC110
www.clare.com
Rev. 4
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
3
LCC110
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
LCC110 - FormA
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC, IF=8mADC)
35
30
25
20
15
10
5
0
19.5
21.5
23.5
25.5
20.5
22.5
24.5
On-Resistance (
Ω)
LCC110 - FormA
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
400
440
480
520
420
460
500
Blocking Voltage (V)
LCC110 - FormB
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
30
25
20
15
10
5
0
365
385
405
425
375
395
415
Blocking Voltage (V)
LCC110 - FormB
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC, IF=8mADC)
30
25
20
15
10
5
0
25.5
27.5
29.5
31.5
26.5
28.5
30.5
On-Resistance (
Ω)
LCC110 - FormA
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC)
1.2
2.8
4.4
2.0
3.6
5.2
LED Current (mA)
25
20
15
10
5
0
LCC110 - FormB
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC)
30
25
20
15
10
5
0
1.2
2.0
3.6
5.2
2.8
LED Current (mA)
4.4
LCC110 - FormA
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC)
25
20
15
10
5
0
LED Current (mA)
1.2
2.0
3.6
5.2
2.8
4.4
LCC110 - FormB
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC)
25
20
15
10
5
0
LED Current (mA)
1.2
2.0
3.6
4.4
5.2
2.8
LCC110 - FormA
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC; IF = 8mADC)
1.2
2.8
5.2
2.0
3.6
Turn-On (ms)
25
20
15
10
5
0
4.4
LCC110 - FormB
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC; IF = 8mADC)
0.03
0.07
0.11
0.05
0.09
0.13
Turn-On (ms)
30
25
20
15
10
5
0
LCC110 - FormA
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC; IF = 8mADC)
0.14
0.05
0.32
0.50
0.41
0.23
Turn-Off (ms)
25
20
15
10
5
0


Similar Part No. - LCC110PTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCC110PTR IXYS-LCC110PTR Datasheet
148Kb / 9P
   1-Form-C OptoMOS Relay
More results

Similar Description - LCC110PTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCC120 CLARE-LCC120 Datasheet
105Kb / 7P
   COMMON INPUT OptoMOS Relay
LCA211 CLARE-LCA211 Datasheet
73Kb / 4P
   COMMON INPUT OptoMOS Relay
logo
IXYS Corporation
LCA210L IXYS-LCA210L Datasheet
122Kb / 7P
   Common Input, Dual-Pole OptoMOS Relay
LCA220 IXYS-LCA220 Datasheet
123Kb / 7P
   Common Input, Dual Single-Pole OptoMOS Relay
logo
Clare, Inc.
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
   Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
   Single Pole OptoMOS Relay
XAA170 CLARE-XAA170 Datasheet
117Kb / 7P
   DUAL POLE OptoMOS Relay
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
   DUAL POLE OptoMOS Relay
LBB110 CLARE-LBB110 Datasheet
149Kb / 7P
   DUAL POLE OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
   Single Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com