Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCC110PTR Datasheet(PDF) 2 Page - Clare, Inc.

Part # LCC110PTR
Description  Common Input OptoMOS Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCC110PTR Datasheet(HTML) 2 Page - Clare, Inc.

  LCC110PTR Datasheet HTML 1Page - Clare, Inc. LCC110PTR Datasheet HTML 2Page - Clare, Inc. LCC110PTR Datasheet HTML 3Page - Clare, Inc. LCC110PTR Datasheet HTML 4Page - Clare, Inc. LCC110PTR Datasheet HTML 5Page - Clare, Inc. LCC110PTR Datasheet HTML 6Page - Clare, Inc. LCC110PTR Datasheet HTML 7Page - Clare, Inc. LCC110PTR Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.clare.com
LCC110
Rev. 4
Absolute Maximum Ratings are stress ratings. Stresses
in excess of these ratings can cause permanent damage
to the device. Functional operation of the device at these
or any other conditions beyond those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to the absolute maximum ratings
for an extended period may degrade the device and effect
its reliability.
Absolute Maximum Ratings (@ 25˚ C)
2
Parameter
Min
Typ
Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Total Power Dissipation
-
-
8002
mW
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
DIP Package
-
-
+260
°C
Surface Mount Package
-
-
+220
°C
(10 Seconds Max.)
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C
Electrical Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Voltage (Peak)
-
V
L
-
-
350
V
Load Current* (Continuous)
AC/DC Configuration
-
I
L
-
-
120
mA
Peak Load Current
10ms
I
LPK
-
-
350
mA
On-Resistance
AC/DC Configuration
I
L=120mA
R
ON
-23
35
Off-State Leakage Current
V
L=350V
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=8mA, VL=10V
T
ON
--
4
ms
Turn-Off
I
F=8mA, VL=10V
T
OFF
--
4
ms
Output Capacitance
50V; f=1MHz
C
OUT
-25
-
pF
Capacitance
Input to Output
-
3
-
pF
Input Characteristics @ 25°C
Input Control Current
I
L=120mA
I
F
8-
50
mA
Input Dropout Current
-
I
F
0.4
0.7
-
mA
Input Voltage Drop
I
F=8mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
VR
--
5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-3
-
pF
Input to Output Isolation
-
V
I/O
3750
-
-
V
RMS
*NOTE: If both poles operate simultaneously load current must be derated so as not to exceed the package power dissipation value.


Similar Part No. - LCC110PTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCC110PTR IXYS-LCC110PTR Datasheet
148Kb / 9P
   1-Form-C OptoMOS Relay
More results

Similar Description - LCC110PTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCC120 CLARE-LCC120 Datasheet
105Kb / 7P
   COMMON INPUT OptoMOS Relay
LCA211 CLARE-LCA211 Datasheet
73Kb / 4P
   COMMON INPUT OptoMOS Relay
logo
IXYS Corporation
LCA210L IXYS-LCA210L Datasheet
122Kb / 7P
   Common Input, Dual-Pole OptoMOS Relay
LCA220 IXYS-LCA220 Datasheet
123Kb / 7P
   Common Input, Dual Single-Pole OptoMOS Relay
logo
Clare, Inc.
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
   Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
   Single Pole OptoMOS Relay
XAA170 CLARE-XAA170 Datasheet
117Kb / 7P
   DUAL POLE OptoMOS Relay
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
   DUAL POLE OptoMOS Relay
LBB110 CLARE-LBB110 Datasheet
149Kb / 7P
   DUAL POLE OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
   Single Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com