Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ABL004-00E Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. ABL004-00E
Description  Precision Gear Tooth and Encoder Sensors
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ABL004-00E Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
- 48 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
Specifications:
Parameter
Min
Typ
Max
Unit
Single Bridge Resistance at 25°C
4K
5K
7K
Ohms
Input Voltage
<1
1
30
1
Volts
Operating Temperature Range
-50
+150
°C
Offset Voltage
-4
+4
mV/V
Linear Range
±5
±100
Oe
Linearity of Output
98
%
2
Hysteresis
2
%
2
Saturation of GMR Sensor Elements
-180
+180
Oe
3
Single Resistor Sensitivity
.04
%
∆R/Oe4
Max Output
80
mV/V
Temperature Coefficient of Resistance
+0.11
%/
°C
ESD
400
V
5
Storage Temperature Range
-65
+170
°C
Notes:
1.
ABL-Series sensors have a purely ratiometric output. They will operate with input voltages of 0.1 V or lower. The output
signal will scale proportionally with the input voltage. Maximum voltage will be limited by the power dissipation
allowable in the package and user installation. See the package section for more details.
2.
Linearity and Hysteresis measured across linear operating range, unipolar operation.
3.
Application of a magnetic field in excess of this value will saturate the GMR sensor elements and no further output will be
obtained. No damage occurs to the sensor elements when saturated. NVE GMR sensors will not be damaged by any large
magnetic field.
4.
Percent change in resistance with application of 1 Oersted of magnetic field; corresponds to an 8% change in resistance
with 200 Oersteds of applied magnetic field (1 Oersted = 1 Gauss in air, or 0.1 milliTesla).
5.
Pin-to-pin voltage, Human Body Model for ESD.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn