Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ABL004-00E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. ABL004-00E
Description  Precision Gear Tooth and Encoder Sensors
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ABL004-00E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
- 47 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
ABL Sensors
Single/Double Bridge Gear Tooth And Encoder Sensors
Features:
Large Airgap
Direct Analog Output
DC (Zero Speed) Operation
Sine / Cosine Outputs
Precise Spacing and Phase Shifting Between Sensor Elements
Excellent Temperature and Voltage Performance
Small, Low-Profile Surface Mount Packages
Applications:
Linear and Angular Speed Sensing
Linear and Angular Position Sensing
Direction Detection
Description:
The ABL-Series GT Sensors are differential sensor elements that provide an analog sinusoidal output
signal when used with a bias magnet and gear tooth or a magnetic encoder. These chips use NVE’s
proprietary GMR sensor elements featuring an extremely large output signal from the raw sensor
element, which is stable over the rated temperature and voltage range. As a result, ABL-Series GT
Sensors feature excellent airgap performance and an extremely stable operating envelope as well as the
robust reliability characteristics that NVE sensors are known for.
Three different standard spacings are available for use with fine and coarse pitch encoders and gear
teeth. Both single bridge and double bridge configurations are also available. Double bridges are used
to generate sine/cosine outputs. In addition to the standard spacings, NVE can provide custom spacings
and multiple sensor elements tailored to the individual customer’s application for a nominal design and
tooling charge. Contact NVE for further details.
For digital output applications, these sensors can be used with NVE’s DD001-12 signal processing IC
which converts their output into a 50% duty cycle modulated current signal. This IC allows placement
of the ABL sensor in a very small housing with wires running from the sensor to the signal processing
IC in a remote location. Thus ABL-Series sensors can be used in M8 and smaller housings.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn