Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD57320240WFBETXIT1 Datasheet(PDF) 8 Page - Newhaven Display International, Inc.

Part # NHD57320240WFBETXIT1
Description  Color Liquid Crystal Display Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD57320240WFBETXIT1 Datasheet(HTML) 8 Page - Newhaven Display International, Inc.

  NHD57320240WFBETXIT1 Datasheet HTML 1Page - Newhaven Display International, Inc. NHD57320240WFBETXIT1 Datasheet HTML 2Page - Newhaven Display International, Inc. NHD57320240WFBETXIT1 Datasheet HTML 3Page - Newhaven Display International, Inc. NHD57320240WFBETXIT1 Datasheet HTML 4Page - Newhaven Display International, Inc. NHD57320240WFBETXIT1 Datasheet HTML 5Page - Newhaven Display International, Inc. NHD57320240WFBETXIT1 Datasheet HTML 6Page - Newhaven Display International, Inc. NHD57320240WFBETXIT1 Datasheet HTML 7Page - Newhaven Display International, Inc. NHD57320240WFBETXIT1 Datasheet HTML 8Page - Newhaven Display International, Inc. NHD57320240WFBETXIT1 Datasheet HTML 9Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
[8] 
 
Electrical Characteristics 
Item 
Symbol 
Condition
Min.
Typ.
Max. 
Unit
Operating Temperature Range 
Top 
Absolute Max
‐20
+70 ⁰C 
Storage Temperature Range 
Tst 
Absolute Max
‐30
+80 ⁰C 
Supply Voltage 
VCC 
3.0
3.3
3.6 
Supply Current 
ICC 
VCC=3.3
121
 
mA
  
 
 
Backlight Supply Current  
IB 
140
210 
mA
Backlight Supply Voltage 
VBL 
9.0
9.4
9.8 
Backlight Lifetime  
10,000
 
Hr 
Backlight is 7 Parallel groups of 3‐Serial LEDs each. 
 
 
 
Optical Characteristics 
Item 
Symbol 
Condition
Min.
Typ.
Max. 
Unit
Viewing Angle – Top  
Cr ≥ 10
40
50
 ⁰ 
Viewing Angle – Bottom  
Cr ≥ 10
45
55
 ⁰ 
Viewing Angle – Left  
Cr ≥ 10
50
60
 ⁰ 
Viewing Angle – Right  
Cr ≥ 10
50
60
 ⁰ 
Contrast Ratio 
Cr 
300
400
  
Luminance 
YL 
200
250
 
cd/m
2
Response Time (rise) 
Tr ‐
10
 
ms
Response Time (fall) 
Tf ‐
15
 
ms
 
 
 
 
Touch Panel Characteristics 
Item 
Symbol 
Condition
Min.
Typ.
Max. 
Unit
Linearity  
1.5 
%
Circuit Resistance – X‐Axis  
350
1000 Ω
Circuit Resistance – Y‐Axis  
200
650 Ω
Insulation Resistance  
20
 
MΩ
Operating Voltage  
V
Chattering  
15 
Ms
Transmittance  
80
 
%
Activation Force  
 80 
g
Pen Writing Durability  
10,000
 
Characters
Pitting Durability  
1,200,000
 
Touches
Surface Hardness  
2
 
H
Haze  
7
 
%
 
 
 
 
 
 
 
 


Similar Part No. - NHD57320240WFBETXIT1

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD NEWHAVEN-NHD Datasheet
2Mb / 22P
   Character OLED Display Module
NHD-0108BZ-FSY-YBW-33V3 NEWHAVEN-NHD-0108BZ-FSY-YBW-33V3 Datasheet
658Kb / 10P
   Character Liquid Crystal Display Module
NHD-0108BZ-FSY-YBW-3V3 NEWHAVEN-NHD-0108BZ-FSY-YBW-3V3 Datasheet
673Kb / 13P
   Character Liquid Crystal Display Module
NHD-0108BZ-RN-GBW NEWHAVEN-NHD-0108BZ-RN-GBW Datasheet
653Kb / 12P
   Character Liquid Crystal Display Module
NHD-0108BZ-RN-GBW NEWHAVEN-NHD-0108BZ-RN-GBW_14 Datasheet
461Kb / 9P
   Character Liquid Crystal Display Module
More results

Similar Description - NHD57320240WFBETXIT1

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-4.3-480800EF-CTXP-T NEWHAVEN-NHD-4.3-480800EF-CTXP-T Datasheet
895Kb / 10P
   Color Liquid Crystal Display Module
NHD-5.0-800480TF-ATXI NEWHAVEN-NHD-5.0-800480TF-ATXI Datasheet
1Mb / 12P
   Color Liquid Crystal Display Module
NHD-5.0-800480TF-ATXL NEWHAVEN-NHD-5.0-800480TF-ATXL Datasheet
853Kb / 12P
   Color Liquid Crystal Display Module
NHD-5.7-640480WF-CTXL-T NEWHAVEN-NHD-5.7-640480WF-CTXL-T Datasheet
342Kb / 8P
   Color Liquid Crystal Display Module
NHD-4.3-480272EF-ATXL-CTP NEWHAVEN-NHD-4.3-480272EF-ATXL-CTP Datasheet
1Mb / 15P
   Color Liquid Crystal Display Module
NHD-5.7-640480WF-CTXL NEWHAVEN-NHD-5.7-640480WF-CTXL Datasheet
291Kb / 8P
   Color Liquid Crystal Display Module
NHD35320240MFATXLCTP1 NEWHAVEN-NHD35320240MFATXLCTP1 Datasheet
586Kb / 18P
   Color Liquid Crystal Display Module
NHD-4.3-480272EF-ATXL NEWHAVEN-NHD-4.3-480272EF-ATXL Datasheet
772Kb / 10P
   Color Liquid Crystal Display Module
NHD-4.3-480272EF-ATXL-T NEWHAVEN-NHD-4.3-480272EF-ATXL-T Datasheet
749Kb / 10P
   Color Liquid Crystal Display Module
NHD-5.0-800480TF-ATXL-T NEWHAVEN-NHD-5.0-800480TF-ATXL-T Datasheet
853Kb / 12P
   Color Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com