Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP19CA Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 5KP19CA
Description  TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

5KP19CA Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  5KP19CA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 5KP19CA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 5KP19CA Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 5KP19CA Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Glass passivated chip
low leakage
Uni and bidirectional unit
Excellent clamping capability
Plastic material has UL recognition 94V-0
Fast response time
Case : Molded Plastic
Marking : Unidirectional -type number and cathode band
Bidirectional-type number only
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
UNIT
Peak Power Dissipation at TA=25℃
TP=1ms (NOTE1)
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Steady State Power Dissipation at TL=75℃
Lead Lengths 0.375"(9.5mm),See Fig. 4
Maximum Instantaneous Forward Voltage
at 100A for Unidirectional Devices Only (NOTE2)
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
POWER DISSIPATION - 5000 Watts
VALUE
3. VF=3.5V on 5KP5.0 thru 5KP100A devices and VF=5.0V on 5KP110 thru 5KP180 devices.
NOTES:1. Non-repetitive current pulse ,per Fig. 5 and derated above TA=25℃ per Fig. 1 .
2. 8.3ms single half-wave duty cycle=4 pulses per minutes maximum (uni-directional units only).
VF
-55 to + 150
-55 to + 175
See NOTE 3
Minimum 5000
WATTS
PPK
AMPS
IFSM
500
WATTS
PM(AV)
8.0
VOLTS
1.0(25.4)
5KP Series
TVS Transient Voltage Suppressor
Dimensions in inches and (millimeters)
R-6
Features
Mechanical Data
Maximum Ratings and Electrical Characteristics
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 5KP19CA

ManufacturerPart #DatasheetDescription
logo
Formosa MS
5KP19CA FORMOSA-5KP19CA Datasheet
148Kb / 4P
   Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
5KP19CA LUGUANG-5KP19CA Datasheet
430Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP19CA LUGUANG-5KP19CA Datasheet
929Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Socay Electornics Co., ...
5KP19CA SOCAY-5KP19CA Datasheet
515Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
5KP19CA LUGUANG-5KP19CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results

Similar Description - 5KP19CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP350A LUGUANG-5KP350A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP210A LUGUANG-5KP210A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP160 LUGUANG-5KP160 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP120A LUGUANG-5KP120A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP400A LUGUANG-5KP400A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP440A LUGUANG-5KP440A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP200A LUGUANG-5KP200A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP140A LUGUANG-5KP140A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP130A LUGUANG-5KP130A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP140 LUGUANG-5KP140 Datasheet
430Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP130 LUGUANG-5KP130 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com