Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP28CA Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 5KP28CA
Description  TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

5KP28CA Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  5KP28CA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 5KP28CA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 5KP28CA Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 5KP28CA Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AMBIENAVERAGE FORWARD CURRENT, (A)
0
100
1
500
25
100
60
200
150
0
0
8
1
100
70
8
10000
2
##
0
Ratings and Characteristics Curves (TA=25 unless otherwise noted)
Fig. 1 - Pulse Derating Curve
Fig. 2 - Maximum Non-Repetitive
Surge Current
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0
25
50
75
100
125
150
175
200
200
250
300
350
400
450
500
1
10
100
Number of Cycles at 60 Hz
TJ = TJ max.
8.3 ms Single Half Sine-Wave
0
25
50
75
100
0
25
50
75
100
125
150
175
200
Ambient Temperature ,TA ( )
0.1
1
10
100
0 1
1
10
100
1000
10000
0
0
0.2
100
0.5
76
1
50
1.5
33
2
23
3
13
4
10
Fig. 5 - Pulse Waveform
Fig. 6 - Typical Junction Capacitance
Fig. 3 - Steady State Power Derating Curve
Fig. 4 - Peak Pulse Power Rating Curve
1
10
100
1000
10000
100000
1
10
100
1000
Reverse Breakdown Voltage,VBR (V)
Uni-directional @VRWM
Bi-directional @VRWM
TJ=25 °C
f=1.0MHz
0.0
1.0
0
25
50
75
100
125
150
175
200
Lead Temperature , TL ( )
0
50
100
0
1
2
3
4
Time , (ms)
TJ = 25 C
Pulse Width (td) is defined as the
point where the peak current
decays to 50 % of Ipp
10/1000 sec. Waveform
as defined by R.E.A.
Peak Value
(Ipp)
Half Value = Ipp
2
td
Tr=10 s
Bi-directional
@zero bias
Uni-directional
@zero bias
0.1
0.1
1
10
100
1000
10000
Pulse Width ,td ( s)
5KP Series
TVS Transient Voltage Suppressor
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 5KP28CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP28CA LUGUANG-5KP28CA Datasheet
430Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Surge Components
5KP28CA SURGE-5KP28CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Micro Commercial Compon...
5KP28CA MCC-5KP28CA Datasheet
404Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
logo
CHENG-YI ELECTRONIC CO....
5KP28CA CHENG-YI-5KP28CA Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
5KP28CA UNSEMI-5KP28CA Datasheet
4Mb / 8P
   5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - 5KP28CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP350A LUGUANG-5KP350A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP160 LUGUANG-5KP160 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP120A LUGUANG-5KP120A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP400A LUGUANG-5KP400A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP440A LUGUANG-5KP440A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP200A LUGUANG-5KP200A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP140A LUGUANG-5KP140A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP130A LUGUANG-5KP130A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP140 LUGUANG-5KP140 Datasheet
430Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP130 LUGUANG-5KP130 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com