Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LCA127L Datasheet(PDF) 4 Page - Clare, Inc.

Part No. LCA127L
Description  SINGLE POLE OptoMOS Relay
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CLARE [Clare, Inc.]
Homepage  http://www.clare.com
Logo 

LCA127L Datasheet(HTML) 4 Page - Clare, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
LCA127L
Rev. 2
Performance Data
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
LCA127L
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
LCA127L
Typical Turn-On vs. LED Forward Current
(Load Current = 170mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.700
0.600
0.500
0.400
0.300
0.200
0.100
0
50
LCA127L
Typical Turn-Off vs. LED Forward Current
Load Current = 170mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.140
0.120
0.100
0.080
0.060
0.040
0.020
0
50
LCA127L
Typical On-Resistance vs. Temperature
(Load Current = 170mADC; IF = 5mADC)
Temperature (
°C)
-40
60.000
50.000
40.000
30.000
20.000
10.000
0
-20
0
20
40
60
80
100
LCA127L
Typical IF for Switch Operation vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
LCA127L
Typical IF for Switch Dropout vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
LCA127L
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 5mADC
Load Voltage (V)
200
150
100
50
0
-50
-100
-150
-200
-2.5 -2.0 -1.5 -1.0 -0.5
0
0.5 1.0 1.5 2.0 2.5
LCA127L
Energy Rating Curve
Time
1.2
1.0
0.8
0.6
0.4
0.2
0
10
µs
1ms
100ms
10s
100
µs
10ms
1s
100s
LCA127L
Typical Current Limiting vs. Temperature
IF = 5mADC
Temperature (
°C)
300.00
250.00
200.00
150.00
100.00
50.00
0
-40
-20
0
20
40
60
80
100


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LCA120Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLA160Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
LCA120LSingle Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLA190Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
LCA125LSingle Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
OMA160Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLA193Single Pole OptoMOS Relay 1 2 3 4 Clare, Inc.
LCA127SINGLE POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLB150SINGLE POLE OptoMOS Relay 1 2 3 4 Clare, Inc.
LCA129Single Pole OptoMOS Relay 1 2 3 4 Clare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn