Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP33 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 5KP33
Description  TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

5KP33 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  5KP33 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 5KP33 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 5KP33 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 5KP33 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Min (V) Max (V) IT (mA)
5KP5.0
5KP5.0C
6.40
7.30
50
5000
5
520.83
9.6
5KP5.0A
5KP5.0CA
6.40
7.00
50
5000
5
543.48
9.2
5KP6.0
5KP6.0C
6.67
8.15
50
5000
6
438.60
11.4
5KP6.0A
5KP6.0CA
6.67
7.37
50
5000
6
485.44
10.3
5KP6.5
5KP6.5C
7.22
8.82
50
2000
7
406.50
12.3
5KP6.5A
5KP6.5CA
7.22
7.98
50
2000
7
446.43
11.2
5KP7.0
5KP7.0C
7.78
9.51
50
1000
7
375.94
13.3
5KP7.0A
5KP7.0CA
7.78
8.60
50
1000
7
416.67
12.0
5KP7.5
5KP7.5C
8.33
10.2
5
250
8
349.65
14.3
5KP7.5A
5KP7.5CA
8.33
9.21
5
250
8
387.60
12.9
5KP8.0
5KP8.0C
8.89
10.9
5
150
8
333.33
15.0
5KP8.0A
5KP8.0CA
8.89
9.83
5
150
8
367.65
13.6
5KP8.5
5KP8.5C
9.44
11.5
5
50
9
314.47
15.9
5KP8.5A
5KP8.5CA
9.44
10.4
5
50
9
347.22
14.4
5KP9.0
5KP9.0C
10.00
12.2
5
20
9
295.86
16.9
5KP9.0A
5KP9.0CA
10.00
11.1
5
20
9
324.68
15.4
5KP10
5KP10C
11.10
13.6
5
15
10
265.96
18.8
5KP10A
5KP10CA
11.10
12.3
5
15
10
294.12
17.0
5KP11
5KP11C
12.20
14.9
5
2
11
248.76
20.1
5KP11A
5KP11CA
12.20
13.5
5
2
11
274.73
18.2
5KP12
5KP12C
13.30
16.3
5
2
12
227.27
22.0
5KP12A
5KP12CA
13.30
14.7
5
2
12
251.26
19.9
5KP13
5KP13C
14.40
17.6
5
2
13
210.08
23.8
5KP13A
5KP13CA
14.40
15.9
5
2
13
232.56
21.5
5KP14
5KP14C
15.60
19.1
5
2
14
193.80
25.8
5KP14A
5KP14CA
15.60
17.2
5
2
14
215.52
23.2
5KP15
5KP15C
16.70
20.4
5
2
15
185.87
26.9
5KP15A
5KP15CA
16.70
18.5
5
2
15
204.92
24.4
5KP16
5KP16C
17.80
21.8
5
2
16
173.61
28.8
5KP16A
5KP16CA
17.80
19.7
5
2
16
192.31
26.0
5KP17
5KP17C
18.90
23.1
5
2
17
163.93
30.5
5KP17A
5KP17CA
18.90
20.9
5
2
17
181.16
27.6
5KP18
5KP18C
20.00
24.4
5
2
18
155.28
32.2
5KP18A
5KP18CA
20.00
22.1
5
2
18
171.23
29.2
5KP19
5KP19C
21.13
25.8
5
2
19
147.02
34.0
5KP19A
5KP19CA
21.10
23.3
5
2
19
162.44
30.8
5KP20
5KP20C
22.20
27.1
5
2
20
139.66
35.8
5KP20A
5KP20CA
22.20
24.5
5
2
20
154.32
32.4
5KP22
5KP22C
24.40
29.8
5
2
22
126.90
39.4
5KP22A
5KP22CA
24.40
26.9
5
2
22
140.85
35.5
5KP24
5KP24C
26.70
32.6
5
2
24
116.28
43.0
5KP24A
5KP24CA
26.70
29.5
5
2
24
128.53
38.9
5KP26
5KP26C
28.90
35.3
5
2
26
107.30
46.6
5KP26A
5KP26CA
28.90
31.9
5
2
26
118.76
42.1
5KP28
5KP28C
31.10
38.0
5
2
28
100.00
50.0
5KP28A
5KP28CA
31.10
34.4
5
2
28
110.13
45.4
5KP30
5KP30C
33.30
40.7
5
2
30
93.46
53.5
5KP30A
5KP30CA
33.30
36.8
5
2
30
103.31
48.4
5KP33
5KP33C
36.70
44.9
5
2
33
84.75
59.0
5KP33A
5KP33CA
36.70
40.6
5
2
33
93.81
53.3
5KP36
5KP36C
40.00
48.9
5
2
36
77.76
64.3
5KP36A
5KP36CA
40.00
44.2
5
2
36
86.06
58.1
5KP40
5KP40C
44.40
54.3
5
2
40
70.03
71.4
5KP40A
5KP40CA
44.40
49.1
5
2
40
77.52
64.5
Note:
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
Electrical Characteristics(TA=25 unless otherwise noted)
Part Number
(Uni)
Part Number
(Bi)
Breakdown Voltage VBR @IT
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Working
Peak Reverse
Voltage
VRWM
(V)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage VC
@IPP
(V)
5KP Series
TVS Transient Voltage Suppressor
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 5KP33

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP33 SURGE-5KP33 Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP33 LUGUANG-5KP33 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Vishay Siliconix
5KP33 VISHAY-5KP33 Datasheet
104Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Pan Jit International I...
5KP33 PANJIT-5KP33 Datasheet
142Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
logo
Shenzhen Luguang Electr...
5KP33 LUGUANG-5KP33 Datasheet
237Kb / 4P
   TVS Transient Voltage Suppressor
More results

Similar Description - 5KP33

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP350A LUGUANG-5KP350A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP210A LUGUANG-5KP210A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP160 LUGUANG-5KP160 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP120A LUGUANG-5KP120A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP400A LUGUANG-5KP400A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP200A LUGUANG-5KP200A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP140A LUGUANG-5KP140A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP130A LUGUANG-5KP130A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP140 LUGUANG-5KP140 Datasheet
430Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP130 LUGUANG-5KP130 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com