Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP20A Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 5KP20A
Description  TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

5KP20A Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  5KP20A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 5KP20A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 5KP20A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 5KP20A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min (V) Max (V) IT (mA)
5KP43
5KP43C
47.80
58.4
5
2
43
65.19
76.7
5KP43A
5KP43CA
47.80
52.8
5
2
43
72.05
69.4
5KP45
5KP45C
50.00
61.1
5
2
45
62.27
80.3
5KP45A
5KP45CA
50.00
55.3
5
2
45
68.78
72.7
5KP48
5KP48C
53.30
65.1
5
2
48
58.48
85.5
5KP48A
5KP48CA
53.30
58.9
5
2
48
64.60
77.4
5KP51
5KP51C
56.70
69.3
5
2
51
54.88
91.1
5KP51A
5KP51CA
56.70
62.7
5
2
51
60.68
82.4
5KP54
5KP54C
60.00
73.3
5
2
54
51.92
96.3
5KP54A
5KP54CA
60.00
66.3
5
2
54
57.41
87.1
5KP58
5KP58C
64.40
78.7
5
2
58
48.54
103.0
5KP58A
5KP58CA
64.40
71.2
5
2
58
53.42
93.6
5KP60
5KP60C
66.70
81.5
5
2
60
46.73
107.0
5KP60A
5KP60CA
66.70
73.7
5
2
60
51.65
96.8
5KP64
5KP64C
71.10
86.9
5
2
64
43.86
114.0
5KP64A
5KP64CA
71.10
78.6
5
2
64
48.54
103.0
5KP70
5KP70C
77.80
95.1
5
2
70
40.00
125.0
5KP70A
5KP70CA
77.80
86.0
5
2
70
44.25
113.0
5KP75
5KP75C
83.30
102
5
2
75
37.31
134.0
5KP75A
5KP75CA
83.30
92.1
5
2
75
41.32
121.0
5KP78
5KP78C
86.70
106.0
5
2
78
35.97
139.0
5KP78A
5KP78CA
86.70
95.8
5
2
78
39.68
126.0
5KP80
5KP80C
88.96
108.8
5
2
80
34.92
143.2
5KP80A
5KP80CA
88.80
97.6
5
2
80
38.58
129.6
5KP85
5KP85C
94.40
115.0
5
2
85
33.11
151.0
5KP85A
5KP85CA
94.40
104.0
5
2
85
36.50
137.0
5KP90
5KP90C
100.00
122.0
5
2
90
31.25
160.0
5KP90A
5KP90CA
100.00
111.0
5
2
90
34.25
146.0
5KP100
5KP100C
111.00
136.0
5
2
100
27.93
179.0
5KP100A
5KP100CA
111.00
123.0
5
2
100
30.86
162.0
5KP110
5KP110C
122.00
149.0
5
2
110
25.51
196.0
5KP110A
5KP110CA
122.00
135.0
5
2
110
28.25
177.0
5KP120
5KP120C
133.00
163.0
5
2
120
23.36
214.0
5KP120A
5KP120CA
133.00
147.0
5
2
120
25.91
193.0
5KP130
5KP130C
144.00
176.0
5
2
130
21.65
231.0
5KP130A
5KP130CA
144.00
159.0
5
2
130
23.92
209.0
5KP140
5KP140C
155.68
190.4
5
2
140
19.95
250.6
5KP140A
5KP140CA
155.00
171.0
5
2
140
22.05
226.8
5KP150
5KP150C
167.00
204.0
5
2
150
18.66
268.0
5KP150A
5KP150CA
167.00
185.0
5
2
150
20.58
243.0
5KP160
5KP160C
178.00
218.0
5
2
160
17.42
287.0
5KP160A
5KP160CA
178.00
197.0
5
2
160
19.31
259.0
5KP170
5KP170C
189.00
231.0
5
2
170
16.45
304.0
5KP170A
5KP170CA
189.00
209.0
5
2
170
18.18
275.0
5KP180
5KP180C
200.16
244.8
5
2
180
15.52
322.2
5KP180A
5KP180CA
200.00
220.0
5
2
180
17.15
291.6
5KP190
5KP190C
211.28
258.4
5
2
190
14.70
340.1
5KP190A
5KP190CA
211.00
232.0
5
2
190
16.24
307.8
5KP200A
5KP200CA
224.00
247.0
5
2
200
15.43
324.0
5KP210A
5KP210CA
233.00
258.0
5
2
210
42.10
349.5
5KP220A
5KP220CA
246.00
272.0
5
2
220
50.00
356.0
5KP250A
5KP250CA
279.00
309.0
5
2
250
45.40
405.0
5KP300A
5KP300CA
335.00
371.0
5
2
300
53.50
486.0
5KP350A
5KP350CA
391.00
432.0
5
2
350
48.40
567.0
5KP400A
5KP400CA
447.00
494.0
5
2
400
7.72
648.0
5KP440A
5KP440CA
492.00
543.0
5
2
440
7.01
713.0
Electrical Characteristics(TA=25 unless otherwise noted)
Part Number
(Uni)
Part Number
(Bi)
Breakdown Voltage VBR @IT
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Working
Peak Reverse
Voltage
VRWM
(V)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage VC
@IPP
(V)
5KP Series
TVS Transient Voltage Suppressor
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 5KP20A

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP20A SURGE-5KP20A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
DONGGUAN YOU FENG WEI E...
5KP20A YFWDIODE-5KP20A Datasheet
79Kb / 4P
   5000W Transient Voltage Suppressors
logo
Vishay Siliconix
5KP20A VISHAY-5KP20A Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
logo
Won-Top Electronics
5KP20A WTE-5KP20A Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
5KP20A SECOS-5KP20A Datasheet
357Kb / 4P
   5000W Peak Power TVS
More results

Similar Description - 5KP20A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP350A LUGUANG-5KP350A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP210A LUGUANG-5KP210A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP160 LUGUANG-5KP160 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP120A LUGUANG-5KP120A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP400A LUGUANG-5KP400A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP440A LUGUANG-5KP440A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP140A LUGUANG-5KP140A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP130A LUGUANG-5KP130A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP140 LUGUANG-5KP140 Datasheet
430Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP130 LUGUANG-5KP130 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com