Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCA110S Datasheet(PDF) 4 Page - Clare, Inc.

Part # LCA110S
Description  Single Pole OptoMOS Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA110S Datasheet(HTML) 4 Page - Clare, Inc.

  LCA110S Datasheet HTML 1Page - Clare, Inc. LCA110S Datasheet HTML 2Page - Clare, Inc. LCA110S Datasheet HTML 3Page - Clare, Inc. LCA110S Datasheet HTML 4Page - Clare, Inc. LCA110S Datasheet HTML 5Page - Clare, Inc. LCA110S Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
LCA110
Rev. 7
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
LCA110
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
10mA
5mA
LCA110
Typical Turn-On vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
LCA110
Typical Turn-Off vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
LCA110
Typical On-Resistance vs. Temperature
(Load Current = 70mADC)
Temperature (
°C)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
10mA
5mA
LCA110
Typical IF for Switch Operation
vs. Temperature
(Load Current = 70mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
LCA110
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 70mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
LCA110
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 2mADC
Load Voltage (V)
150
100
50
0
-50
-100
-150
-3
-2
-1
0
1
2
3
LCA110
Energy Rating Curve
Time
10
µs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100
µs
100ms
1s
10ms
10s
100s


Similar Part No. - LCA110S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110S IXYS-LCA110S Datasheet
122Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA110STR IXYS-LCA110STR Datasheet
122Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
More results

Similar Description - LCA110S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
   Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
   Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
   Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
   Single Pole OptoMOS Relay
TS122 CLARE-TS122 Datasheet
120Kb / 8P
   Single Pole OptoMOS Relay
XCA170 CLARE-XCA170 Datasheet
99Kb / 7P
   SINGLE POLE OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
   SINGLE POLE OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
   Single Pole OptoMOS Relay
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
   Single-Pole OptoMOS Relay
logo
Clare, Inc.
LCA182 CLARE-LCA182 Datasheet
1Mb / 5P
   Single Pole OptoMOS Relay
LCA100 CLARE-LCA100 Datasheet
102Kb / 6P
   Single Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com