Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE68A Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # P6KE68A
Description  600 Watts Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

P6KE68A Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  P6KE68A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd P6KE68A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd P6KE68A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd P6KE68A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS(at TA=25
unless otherwise noted
BREAKDOWN
VOLTAGE
TEST CURRENT
REVERSE STAND-OFF
VOLTAGE
REVERSE LEAKAGE
PULSE CURRENT
MAXIMUM CLAMPING
VOLTAGE
V ( BR )
( Note 1 )
IT
VWM
ID @VWM ( Note 2 )
I ppm
VC @ I ppm
MAXIMUM
TEMPERATURE
COEFFICIENT
OF V ( BR )
TYPE
V( MIN)
V( MAX)
mA
V
μA
A
V
% / ℃
P6KE75
67.5
82.5
1.0
60.7
5.0
5.8
108
0.105
P6KE75A
71.3
78.8
1.0
64.1
5.0
6.1
103
0.105
P6KE82
73.8
90.2
1.0
66.4
5.0
5.3
118
0.105
P6KE82A
77.9
86.1
1.0
70.1
5.0
5.5
113
0.105
P6KE91
81.9
100
1.0
73.7
5.0
4.8
131
0.106
P6KE91A
86.5
95.5
1.0
77.8
5.0
5.0
125
0.106
P6KE100
90.0
110
1.0
81.0
5.0
4.3
144
0.106
P6KE100A
95.0
105
1.0
85.5
5.0
4.5
137
0.106
P6KE110
99.0
121
1.0
89.2
5.0
3.9
158
0.107
P6KE110A
105
116
1.0
94.0
5.0
4.1
152
0.107
P6KE120
108
132
1.0
97.2
5.0
3.6
173
0.107
P6KE120A
114
126
1.0
102
5.0
3.8
165
0.107
P6KE130
117
143
1.0
105
5.0
3.3
187
0.107
P6KE130A
124
137
1.0
111
5.0
3.5
179
0.107
P6KE150
135
165
1.0
121
5.0
2.9
215
0.108
P6KE150A
143
158
1.0
128
5.0
3.0
207
0.108
P6KE160
144
176
1.0
130
5.0
2.7
230
0.108
P6KE160A
152
168
1.0
136
5.0
2.8
219
0.108
P6KE170
153
187
1.0
138
5.0
2.5
244
0.108
P6KE170A
162
179
1.0
145
5.0
2.6
234
0.108
P6KE180
162
198
1.0
146
5.0
2.4
258
0.108
P6KE180A
171
189
1.0
154
5.0
2.5
246
0.108
P6KE200
180
220
1.0
162
5.0
2.1
287
0.108
P6KE200A
190
210
1.0
171
5.0
2.2
274
0.108
P6KE220
198
242
1.0
175
5.0
1.8
344
0.108
P6KE220A
209
231
1.0
185
5.0
1.9
328
0.108
P6KE250
225
275
1.0
202
5.0
1.7
360
0.110
P6KE250A
237
263
1.0
214
5.0
1.8
344
0.110
P6KE300
270
330
1.0
243
5.0
1.4
430
0.110
P6KE300A
285
315
1.0
256
5.0
1.5
414
0.110
P6KE350
315
385
1.0
284
5.0
1.2
504
0.110
P6KE350A
332
368
1.0
300
5.0
1.3
482
0.110
P6KE400
360
440
1.0
324
5.0
1.9
574
0.110
P6KE400A
380
420
1.0
342
5.0
1.10
548
0.110
P6KE440
396
484
1.0
356
5.0
0.95
631
0.110
P6KE440A
418
462
1.0
376
5.0
1.00
602
0.110
P4KE480
432
528
1.0
389
5.0
0.88
686
0.110
P4KE480A
456
504
1.0
408
5.0
0.91
658
0.110
P6KE500
450
550
1.0
400
5.0
0.86
698
0.110
P6KE500A
475
525
1.0
428
5.0
0.90
667
0.110
P6KE510
459
561
1.0
413
5.0
0.82
729
0.110
P6KE510A
485
535
1.0
434
5.0
0.86
698
0.110
P6KE540
486
594
1.0
437
5.0
0.78
772
0.110
P6KE540A
513
567
1.0
459
5.0
0.81
740
0.110
P6KE550
495
605
1.0
440
5.0
0.74
811
0.110
P6KE550A
523
578
1.0
470
5.0
0.77
779
0.110
P6KE600
540
660
1.0
480
5.0
0.69
870
0.120
P6KE600A
570
630
1.0
513
5.0
0.71
850
0.120
Notes ): 1. V(BR)measured after IT applied for 300μs, IT = square pulse or equivalent
2.
For bidirectional types having VRWM of 10 volts and less, the ID limit is doubled.
3.
For bidirectional use C or CA
suffix for types P6KE6.8 thru type P6KE600, Electrical characteristics apply in both directions.
P6KE SERIES
600 Watts Transient Voltage Suppressor Diodes
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - P6KE68A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
P6KE68A TAITRON-P6KE68A Datasheet
279Kb / 6P
   600W Transient Voltage Suppressor
logo
HuaXinAn Electronics CO...
P6KE68A HUAXINAN-P6KE68A Datasheet
360Kb / 5P
   600W Transient Voltage Suppressors
logo
Microdiode Electronics ...
P6KE68A CHENDA-P6KE68A Datasheet
839Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power 600 Watts
logo
Motorola, Inc
P6KE68A MOTOROLA-P6KE68A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE68A VISHAY-P6KE68A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
More results

Similar Description - P6KE68A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_06 Datasheet
329Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW06 NJSEMI-BZW06 Datasheet
91Kb / 2P
   600 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE LUGUANG-P6KE Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
P6KE480 LUGUANG-P6KE480 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Fuji Electric
P6KE FUJI-P6KE Datasheet
368Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE6.8 LUGUANG-P6KE6.8 Datasheet
629Kb / 5P
   600 Watts Transient Voltage Suppressor Diodes
P6KE51 LUGUANG-P6KE51 Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
P6KE TSC-P6KE_1 Datasheet
368Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com