Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F750G687MDC Datasheet(PDF) 2 Page - Nichicon corporation

Part # F750G687MDC
Description  SOLID TANTALUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

F750G687MDC Datasheet(HTML) 2 Page - Nichicon corporation

  F750G687MDC Datasheet HTML 1Page - Nichicon corporation F750G687MDC Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100
R
F720G107MRC
4.0
8
0.70
150
R
F720G157MRC
6.0
10
0.70
220
R
F720G227MRC
8.8
12
0.70
330
R
F720G337MRC
13.2
12
0.70
68
R
F720J686MRC
4.3
6
0.75
100
R
F720J107MRC
6.3
8
0.70
150
R
F720J157MRC
9.5
10
0.70
220
R
F720J227MRC
13.9
12
0.70
330
R
F720J337MRC
20.8
12
0.70
1000
M
F720J108MMC
63.0
30
0.14
± 15
1500
M
F720J158MMC
95.0
45
0.14
± 20
47
R
F721A476MRC
4.7
6
0.80
68
R
F721A686MRC
6.8
6
0.75
100
R
F721A107MRC
10.0
8
0.70
150
R
F721A157MRC
15.0
10
0.70
220
R
F721A227MRC
22.0
12
0.70
470
M
F721A477MMC
47.0
30
0.14
± 15
680
M
F721A687MMC
68.0
35
0.14
± 20
1000
M
F721A108MMC
200
45
0.14
± 20
33
R
F721C336MRC
5.3
6
0.90
47
R
F721C476MRC
7.5
6
0.80
68
R
F721C686MRC
10.9
6
0.75
4V
6.3V
10V
16V
*1
∆C/C
(%)
Part Number
Disspation
Factor
(%@120Hz)
Leakage Current
(µA)
Case
code
ESR
(
@100kHz)
Rated Volt
Rated
Capacitance
(µF)
330
C
F750G337MCC
13.2
10
0.15
470
C
F750G477MCC
18.8
14
0.12
470
D
F750G477MDC
18.8
14
0.12
680
D
F750G687MDC
27.2
18
0.12
1000
D
F750G108MDC
40.0
24
0.12
1000
R
F750G108MRC
40.0
24
0.12
1500
R
F750G158MRC
60.0
30
0.12
2200
R
F750G228MRC
88.0
45
0.07
220
C
F750J227MCC
13.9
10
0.20
330
C
F750J337MCC
20.8
10
0.15
330
D
F750J337MDC
20.8
10
0.15
470
U
F750J477MUC
29.6
15
0.10
470
D
F750J477MDC
29.6
14
0.12
680
D
F750J687MDC
42.8
18
0.12
680
R
F750J687MRC
42.8
18
0.12
1000
R
F750J108MRC
63.0
24
0.12
150
C
F751A157MCC
15.0
10
0.22
220
C
F751A227MCC
22.0
10
0.20
220
D
F751A227MDC
22.0
10
0.20
330
D
F751A337MDC
33.0
10
0.15
470
U
F751A477MUC
94.0
30
0.15
± 20
470
R
F751A477MRC
47.0
14
0.12
68
C
F751C686MCC
10.9
10
0.22
100
C
F751C107MCC
16.0
10
0.22
150
D
F751C157MDC
24.0
10
0.22
220
R
F751C227MRC
35.2
10
0.20
4V
6.3V
10V
16V
*1
∆C/C
(%)
Part Number
Disspation
Factor
(%@120Hz)
Leakage Current
(µA)
Case
code
ESR
(
@100kHz)
Rated Volt
Rated
Capacitance
(µF)
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F72
F75
Standard Ratings
Standard Ratings
*1 : ∆C/C Marked ""
F75 ALL Case (%)
Damp Heat
±10
Tempereature cycles
±5
Resistance soldering heat
±5
Surge
±5
Endurance
±10
*1 : ∆C/C Marked ""
F72 ALL Case (%)
Damp Heat
±10
Tempereature cycles
±5
Resistance soldering heat
±5
Surge
±5
Endurance
±10
CAT.8100B


Similar Part No. - F750G687MDC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
F75 SEMTECH-F75 Datasheet
123Kb / 3P
   RECTIFIER, up to 7.5kV, 180mA, 300ns
logo
PANDUIT CORP.
F75-10-M PANDUIT-F75-10-M Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
F75-6-M PANDUIT-F75-6-M Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
F75-8-M PANDUIT-F75-8-M Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
logo
Integrated Technology F...
F7511 ITF-F7511 Datasheet
167Kb / 7P
   SAW Bandpass Filter F7511
More results

Similar Description - F750G687MDC

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930J476KAA NICHICON-F930J476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2 Datasheet
90Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F980E476MMA NICHICON-F980E476MMA Datasheet
73Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F970J335MAA NICHICON-F970J335MAA_09 Datasheet
73Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F720G107MR NICHICON-F720G107MR Datasheet
85Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F981A476MSA NICHICON-F981A476MSA Datasheet
67Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com