Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDU6N50TU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDU6N50TU
Description  N-Channel UniFETTM MOSFET500 V, 6 A, 900 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDU6N50TU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDU6N50TU Datasheet HTML 1Page - Fairchild Semiconductor FDU6N50TU Datasheet HTML 2Page - Fairchild Semiconductor FDU6N50TU Datasheet HTML 3Page - Fairchild Semiconductor FDU6N50TU Datasheet HTML 4Page - Fairchild Semiconductor FDU6N50TU Datasheet HTML 5Page - Fairchild Semiconductor FDU6N50TU Datasheet HTML 6Page - Fairchild Semiconductor FDU6N50TU Datasheet HTML 7Page - Fairchild Semiconductor FDU6N50TU Datasheet HTML 8Page - Fairchild Semiconductor FDU6N50TU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©2006 Fairchild Semiconductor Corporation
FDD6N50 / FDU6N50 Rev. C1
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
246
8
10
10
-2
10
-1
10
0
10
1
Note
1. V
DS = 40V
2. 250μ s Pulse Test
-55℃
150℃
25℃
V
GS , Gate-Source Voltage [V]
0
102030
4050
0
5
10
15
20
V
GS
Top :
10.0 V
8.0V
7.5 V
7.0 V
6.5 V
6.0 V
5.5 V
Bottom : 5.0 V
Notes :
1. 250μ s Pulse Test
2. T
C = 25℃
V
DS, Drain-Source Voltage [V]
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
V
GS = 20V
V
GS = 10V
Note : T
J = 25℃
I
D, Drain Current [A]
0.20.4
0.60.8
1.01.2
1.4
1.6
1.8
10
-1
10
0
10
1
25℃
150℃
Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
V
SD , Source-Drain Voltage [V]
10
0
10
1
10
100
1000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
05
10
15
0
2
4
6
8
10
12
V
DS = 250V
V
DS = 100V
V
DS = 400V
Note : I
D = 6A
Q
G, Total Gate Charge [nC]


Similar Part No. - FDU6N50TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDU6N50TU FAIRCHILD-FDU6N50TU Datasheet
845Kb / 9P
   500V N-Channel MOSFET
More results

Similar Description - FDU6N50TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF16N50T FAIRCHILD-FDPF16N50T Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET 500 V, 16 A, 380 m廓
FDD18N20LZ FAIRCHILD-FDD18N20LZ Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET 200 V, 16 A, 125 m廓
FDPF51N25YDTU FAIRCHILD-FDPF51N25YDTU Datasheet
518Kb / 11P
   N-Channel UniFETTM MOSFET 250 V, 51 A, 60 m廓
FQA11N90F109 FAIRCHILD-FQA11N90F109 Datasheet
460Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 11.4 A, 960 m廓
FQB10N50CFTM FAIRCHILD-FQB10N50CFTM Datasheet
600Kb / 8P
   N-Channel QFETR FRFETR MOSFET500 V, 10 A, 610 m
FDD7N60NZTM FAIRCHILD-FDD7N60NZTM Datasheet
668Kb / 9P
   N-Channel UniFETTM II MOSFET 600 V, 5.5 A, 1.25 廓
FDPF15N65YDTU FAIRCHILD-FDPF15N65YDTU Datasheet
837Kb / 8P
   N-Channel UniFETTM MOSFET 650 V, 15 A, 440 m?
FCD900N60ZCT-ND FAIRCHILD-FCD900N60ZCT-ND Datasheet
614Kb / 9P
   FCD900N60Z N-Channel SuperFET II MOSFET 600 V, 4.5 A, 900 m廓
FDPF20N50FT FAIRCHILD-FDPF20N50FT Datasheet
429Kb / 10P
   N-Channel UniFETTM FRFET짰 MOSFET 500 V, 20 A, 260 m?
FDP8N50NZ FAIRCHILD-FDP8N50NZ Datasheet
882Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 8 A, 850 m
October 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com