Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTT80N75 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT80N75
Description  80A, 75V N-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT80N75 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT80N75 Datasheet HTML 1Page - Unisonic Technologies UTT80N75 Datasheet HTML 2Page - Unisonic Technologies UTT80N75 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTT80N75
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-881.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
75
V
Gate-Source Voltage
VGSS
±25
V
Drain Current
Continuous
ID
80
A
Pulsed
IDM
320
A
Avalanche Energy
Single Pulsed
EAS
330
mJ
Power Dissipation
PD
167
W
Junction Temperature
TJ
-50~+150
°C
Storage Temperature Range
TSTG
-50~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
0.75
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
75
V
Drain-Source Leakage Current
IDSS
VDS=75V, VGS=0V
10
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+25V, VDS=0V
+100 nA
Reverse
VGS=-25V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2
4
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=20A
10
12
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
3700
pF
Output Capacitance
COSS
730
pF
Reverse Transfer Capacitance
CRSS
240
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=10V, VDD=60V, ID=40A,
IG=3.33mA
117
nC
Gate to Source Charge
QGS
27
nC
Gate to Drain Charge
QGD
47
nC
Turn-ON Delay Time
tD(ON)
VDD=30V, ID=1.0A, RG=4.6Ω,
VGS=10V
25
ns
Rise Time
tR
25
ns
Turn-OFF Delay Time
tD(OFF)
66
ns
Fall-Time
tF
30
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
80
A
Maximum Body-Diode Pulsed Current
ISM
320
A
Drain-Source Diode Forward Voltage
VSD
IS=80A, VGS=0V
1.5
V
Body Diode Reverse Recovery Time
tRR
ns


Similar Part No. - UTT80N75

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT80N05 UTC-UTT80N05 Datasheet
135Kb / 3P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UTT80N05G-TA3-T UTC-UTT80N05G-TA3-T Datasheet
135Kb / 3P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UTT80N05L-TA3-T UTC-UTT80N05L-TA3-T Datasheet
135Kb / 3P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UTT80N06 UTC-UTT80N06 Datasheet
228Kb / 7P
   60V, 80A N-CHANNEL POWER MOSFET
UTT80N06G-S08-R UTC-UTT80N06G-S08-R Datasheet
228Kb / 7P
   60V, 80A N-CHANNEL POWER MOSFET
More results

Similar Description - UTT80N75

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT75N75 UTC-UTT75N75 Datasheet
169Kb / 5P
   80A, 75V N-CHANNEL POWER MOSFET
logo
E-CMOS Corporation
EC7375N75 E-CMOS-EC7375N75 Datasheet
679Kb / 7P
   75V, 80A N-Channel MOSFET
logo
List of Unclassifed Man...
D7509 ETC-D7509 Datasheet
916Kb / 11P
   80A 75V N-channel Enhancement Mode Power MOSFET
Rev. 1.0
logo
FOSLINK SEMICONDUCTOR C...
FSM75N75 FOSLINK-FSM75N75 Datasheet
563Kb / 9P
   N-CHANNEL 75V 0.0097廓 80A POWER MOSFET
logo
Shindengen Electric Mfg...
P80FG7R5EN SHINDENGEN-P80FG7R5EN Datasheet
1Mb / 7P
   Power MOSFETs 75V, 80A, N-channel
logo
Fairchild Semiconductor
FDB045AN08_F085 FAIRCHILD-FDB045AN08_F085 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_10 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
FDP060AN08A0 FAIRCHILD-FDP060AN08A0 Datasheet
252Kb / 11P
   N-Channel PowerTrench MOSFET 75V, 80A, 6.0m?
logo
HY ELECTRONIC CORP.
HY80N075T HY-HY80N075T Datasheet
244Kb / 4P
   75V / 80A N-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
FDH047AN08A0 FAIRCHILD-FDH047AN08A0 Datasheet
606Kb / 10P
   N-Channel PowerTrench MOSFET 75V, 80A, 4.7m?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com