Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR2249 Datasheet(PDF) 3 Page - Clare, Inc.

Part # FR2249
Description  Dyad
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

FR2249 Datasheet(HTML) 3 Page - Clare, Inc.

  FR2249 Datasheet HTML 1Page - Clare, Inc. FR2249 Datasheet HTML 2Page - Clare, Inc. FR2249 Datasheet HTML 3Page - Clare, Inc. FR2249 Datasheet HTML 4Page - Clare, Inc. FR2249 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FR2
www.clare.com
Rev. 2
DYAD®
Performance Data*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications,
please contact our application department.
Recommended Pad Sizes
Mechanical Dimensions
DIMENSIONS
mm
(inches)
Dyad®
3
DYAD®
Operate Shift After Lead Trimming
Overall Length in Inches
0.7
40
35
30
25
20
15
10
5
0
0.8
0.9
1
1.1
1.2
1.355
DYAD®
Dielectric Breakdown vs.
Operate Sensitivity
Average Operate (NI)
8-9
1200
1000
800
600
400
200
0
12-13
16-17
20-21
24-2526-32
Min.
Avg.
Max.
DYAD®
Capacitance Across Open Contacts
Capacitance (pF)
40
35
30
25
20
15
10
5
0
0.15
0.2
0.25
0.3
0.35
0.40
DYAD®
Contact Resistance Throughout Life
10V, 12mA Resistive Load
Operations (Millions)
0
60
50
40
30
20
10
0
10 20 30 40 50 60 70 80 90 100 110 120
DYAD®
Contact Resistance Throughout Life
50V, 100mA Resistive Load
Operations (Millions)
0.2
60
50
80
70
40
30
20
10
0
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
0
CM15 Series
Operate NI vs. Release NI
Test Coil: NARM 1; Full Length Terminals
Operate NI
10
30
25
20
15
10
5
0
12 14 16 18 20 22 24 26 28 30
Minimum
Maximum
DYAD®
34.54 MAX.
(1.360)
9.65 REF.
(0.380)
2.29 MAX.
(0.090)
1.65 MAX.
(0.065)
1.32 MAX.
(0.052)
15.24 MAX.
(0.600)
0.18
(0.007)
+ 7o
DYAD® SMT
2.03 MAX.
(0.080)
17.53
(0.690)
1.02
(0.040)
1.20 TYP.
(0.047)
0.25 MAX.
(R 0.010)
4 PLACES
19.56 MAX.
(0.770)
15.24 MAX.
(0.600)
2.29 MAX.
(0.900)
1.32 MAX.
(0.052)
1.22
(0.048)
MAX. TWIST ALLOWED
TYP. BOTH ENDS
+ 10o
+ 5o
DYAD® SMT
16.01 MAX.
(0.63)
2.79
(0.110)
2.54
(0.100)


Similar Part No. - FR2249

ManufacturerPart #DatasheetDescription
logo
Coto Technology
FR2249 COTO-FR2249 Datasheet
665Kb / 4P
   Proximity sensing, Smoke alarms
More results

Similar Description - FR2249

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CM10 CLARE-CM10 Datasheet
319Kb / 4P
   Molded Mini-DYAD
CM15 CLARE-CM15 Datasheet
318Kb / 4P
   Molded DYAD
MN2 CLARE-MN2 Datasheet
404Kb / 5P
   Mini-Dyad
logo
Coto Technology
CM15S COTO-CM15S Datasheet
1Mb / 3P
   Overmolded DYAD
logo
Clare, Inc.
UM2 CLARE-UM2 Datasheet
338Kb / 4P
   Ultra-Mini Dyad
logo
Coto Technology
CM5 COTO-CM5 Datasheet
597Kb / 3P
   Molded Ultra-Mini DYAD
logo
Clare, Inc.
CM5 CLARE-CM5 Datasheet
316Kb / 4P
   Molded Ultra-Mini DYAD?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com