Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DST-2-24 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DST-2-24
Description  Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DST-2-24 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DST-2-24 Datasheet HTML 1Page - List of Unclassifed Manufacturers DST-2-24 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2013 Signal Transformer Inc. Specifications subject to change without notice. 08.13
SM
500 Bayview Avenue, Inwood, NY 11096
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
sales@signaltransformer.com • techhelp@signaltransformer.com
www.signaltransformer.com
Signal’s ST and DST transformers use a split bobbin that
provides superior isolation and low capacitive coupling.
General Specifications
Power - 1.1 VA to 36 VA
Dielectric Strength - 2500 Vrms Hipot
Primaries - Single or dual primaries, 115 V or 115/230 V, 50/60 Hz
Secondaries - Series or parallel
Electrostatic Shield - Not necessay, split bobbin construction
Insulation System - Class B, 130° C
Mounting Hardware - see chart
Agency Certifications
•UL1446ClassBinsulationsystems,File#E66312
•ULRecognized506/UL5085-1,2,File#E63829
•CSAcertifiedtoC22.2#66.1,File#221070
•cCSAuscertifiedtoC22.2#66.3/UL5085-3,File#221070
•Class2–markedwith(*)or(**)or(#)
**CSAcertifiedasInherentlyLimited
*CSAcertifiedasNonInherentlyLimited–seerecommendedfuseratingonnextpage
#ULRecognizedUL5083-3,InherentlyLimitedFile#E116583
Split Bobbin with High Isolation
Split/TranTM ,Specialty Purpose & Class 2
Transformers • Printed Circuit Mount
Custom versions available upon request.
Part Number
Secondary RMS Rating
Single 115V
6 Pin
Dual 115/230V
8 Pin
Series
Parallel
ST-2-10**
DST-2-10**
10VCT @ 0.11A
5V @ 0.22A
ST-3-10*
DST-3-10*
10VCT@0.25A(5)
5V@0.5A(9)
ST-4-10*
DST-4-10*
10VCT@0.6A(9)
5V@1.2A(11)
ST-5-10*
DST-5-10*
10VCT@1.2A(11)
5V@2.4A(12)
ST-6-10
DST-6-10
10VCT @ 2.0A
5V@4.0A
ST-7-10
DST-7-10
10VCT @ 3.6A
5V@7.2A
ST-2-12**
DST-2-12**
12.6VCT@0.09A
6.3V@0.18A
ST-3-12*
DST-3-12*
12.6VCT@0.2A(4)
6.3V@0.4A(8)
ST-4-12*
DST-4-12*
12.6VCT@0.5A(9)
6.3V@1.0A(11)
ST-5-12*
DST-5-12*
12.6VCT@1.0A(11) 6.3V@2.0A(13)
ST-6-12
DST-6-12
12.6VCT @ 1.6A
6.3V @ 3.2A
ST-7-12
DST-7-12
12.6VCT@2.85A
6.3V@5.7A
ST-2-16**
DST-2-16**
16VCT@0.07A
8V@0.14A
ST-3-16*
DST-3-16*
16VCT@0.15A(3)
8V@0.3A(6)
ST-4-16*
DST-4-16*#
16VCT@0.4A(7)
8V@0.8A(10)
ST-5-16*
DST-5-16*
16VCT@0.8A(10)
8V@1.6A(11)
ST-6-16
DST-6-16
16VCT @ 1.25A
8V@2.5A
ST-7-16
DST-7-16
16VCT @ 2.25A
8V@4.5A
ST-2-20**
DST-2-20**
20VCT @ 0.055A
10V @ 0.11A
ST-3-20*
DST-3-20*
20VCT@0.12A(2)
10V@0.24A(5)
ST-4-20*
DST-4-20*
20VCT@0.3A(6)
10V@0.6A(9)
ST-5-20*
DST-5-20*
20VCT@0.6A(9)
10V@1.2A(11)
ST-6-20
DST-6-20
20VCT @ 1.0A
10V @ 2.0A
ST-7-20
DST-7-20
20VCT@1.8A
10V @ 3.6A
ST-2-24**
DST-2-24**
24VCT@0.045A
12V@0.09A
ST-3-24*
DST-3-24*
24VCT@0.1A(1)
12V@0.2A(4)
ST-4-24*
DST-4-24*#
24VCT@0.25A(5)
12V@0.5A(9)
ST-5-24*
DST-5-24*#
24VCT@0.5A(9)
12V@1.0A(11)
ST-6-24
DST-6-24
24VCT@0.8A
12V @ 1.6A
ST-7-24
DST-7-24
24VCT@1.5A
12V @ 3.0A
Part Number
Secondary RMS Rating
Single 115V
6 Pin
Dual 115/230V
8 Pin
Series
Parallel
ST-2-28
DST-2-28
28VCT@0.04A
14V@0.08A
ST-3-28
DST-3-28
28VCT@0.085A
14V@0.17A
ST-4-28
DST-4-28
28VCT@0.2A
14V@0.4A
ST-5-28
DST-5-28
28VCT@0.42A
14V@0.84A
ST-6-28
DST-6-28
28VCT@0.7A
14V@1.4A
ST-7-28
DST-7-28
28VCT@1.3A
14V@2.6A
ST-2-36
DST-2-36
36VCT @ 0.03A
18V@0.06A
ST-3-36
DST-3-36
36VCT @ 0.065A
18V@0.13A
ST-4-36
DST-4-36
36VCT@0.17A
18V@0.34A
ST-5-36
DST-5-36
36VCT @ 0.35A
18V@0.7A
ST-6-36
DST-6-36
36VCT @ 0.55A
18V@1.1A
ST-7-36
DST-7-36
36VCT @ 1.0A
18V@2.0A
ST-2-48
DST-2-48
48VCT@0.023A
24V@0.046A
ST-3-48
DST-3-48
48VCT@0.05A
24V@0.1A
ST-4-48
DST-4-48
48VCT@0.125A
24V@0.25A
ST-5-48
DST-5-48
48VCT@0.25A
24V@0.5A
ST-6-48
DST-6-48
48VCT@0.4A
24V@0.8A
ST-7-48
DST-7-48
48VCT@0.75A
24V@1.5A
ST-2-56
DST-2-56
56VCT @ 0.02A
28V@0.04A
ST-3-56
DST-3-56
56VCT@0.045A
28V@0.09A
ST-4-56
DST-4-56
56VCT @ 0.11A
28V@0.22A
ST-5-56
DST-5-56
56VCT @ 0.22A
28V@0.44A
ST-6-56
DST-6-56
56VCT @ 0.35A
28V@0.7A
ST-7-56
DST-7-56
56VCT @ 0.65A
28V@1.3A
ST-2-120
DST-2-120
120VCT @ 0.01A
60V @ 0.02A
ST-3-120
DST-3-120
120VCT @ 0.02A
60V@0.04A
ST-4-120
DST-4-120
120VCT @ 0.05A
60V @ 0.1A
ST-5-120
DST-5-120
120VCT @ 0.1A
60V @ 0.2A
ST-6-120
DST-6-120
120VCT @ 0.16A
60V @ 0.32A
ST-7-120
DST-7-120
120VCT @ 0.3A
60V @ 0.6A
34


Similar Part No. - DST-2-24

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
DST-0106A-MDL-A0 AVERLOGIC-DST-0106A-MDL-A0 Datasheet
2Mb / 2P
   High Speed Memory Buffer for HD Video Applications
DST-0106A-MDL-A1 AVERLOGIC-DST-0106A-MDL-A1 Datasheet
2Mb / 2P
   High Speed Memory Buffer for HD Video Applications
logo
DOMINANT Semiconductors
DST-DSS-VW1-1 DOMINANT-DST-DSS-VW1-1 Datasheet
1Mb / 15P
   Right Angle DomiLED
DST-DSS-WX1-1 DOMINANT-DST-DSS-WX1-1 Datasheet
1Mb / 15P
   Right Angle DomiLED
DST-SSS-R1 DOMINANT-DST-SSS-R1 Datasheet
536Kb / 12P
   Right Angle LED
More results

Similar Description - DST-2-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DSW ETC1-DSW Datasheet
35Kb / 2P
   Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
SW-316 ETC2-SW-316 Datasheet
341Kb / 3P
   PRINTED CIRCUIT TRANSFORMERS
90-T40M1 ETC2-90-T40M1 Datasheet
426Kb / 2P
   CLASS 2 TRANSFORMERS
logo
PowerVolt Inc.
DSZ3-24 POWERVOLT-DSZ3-24 Datasheet
104Kb / 1P
   Split Bobbin Printed Circuit Power Transformer
logo
List of Unclassifed Man...
S84Z-401 ETC2-S84Z-401 Datasheet
502Kb / 2P
   CLASS 2 TRANSFORMERS ??ENERGY LIMITING
logo
RENCO ELECTRONICS, INC.
RL-2231 RENCO-RL-2231 Datasheet
87Kb / 2P
   FLAT/TRAN LOW PROFILE PRINTED CIRCUIT MOUNT TRIPLE OUTPUT POWER TRANSFORMERS
logo
Murata Power Solutions ...
786J MURATA-PS-786J Datasheet
121Kb / 4P
   Surface Mount General Purpose Pulse Transformers
logo
RENCO ELECTRONICS, INC.
RL-2252 RENCO-RL-2252 Datasheet
1Mb / 2P
   50/60 Hz TRANSFORMERS ALL/TRAN??Class 2
logo
Premier Magnetics, Inc.
PSB-101 PMI-PSB-101 Datasheet
71Kb / 2P
   SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
Glenair, Inc.
050_340 GLENAIR-050_340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com