Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF5N15ZL-TN3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF5N15ZL-TN3-T
Description  5A, 150V N-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF5N15ZL-TN3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  UF5N15ZL-TN3-T Datasheet HTML 1Page - Unisonic Technologies UF5N15ZL-TN3-T Datasheet HTML 2Page - Unisonic Technologies UF5N15ZL-TN3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UF5N15Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R502-861. B
TYPICAL CHARACTERISTICS
Drain Current vs. Drain-Source
Breakdown Voltage
Drain-Source Breakdown Voltage, BVDSS (V)
0.7
0
Drain Current vs. Gate Threshold Voltage
Gate Threshold Voltage, VTH (V)
2.1
2.8
4.2
1.4
3.5
0
50
100
150
200
250
300
0
40
120
160
200
80
0
50
100
150
200
250
300
Drain-Source On-State Resistance
Characteristics
Drain to Source Voltage, VDS (V)
0
2
0
1
2
3
1
3
5
0
Drain Current vs. Source to Drain Voltage
Source to Drain Voltage, VSD (V)
0.2
0.4
0.6
0.8
1.2
0
1
2
4
6
4
3
1.0
5
6
VGS=10V, ID=5A
4
5
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UF5N15ZL-TN3-T

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UF5N15ZL-TN3-T VBSEMI-UF5N15ZL-TN3-T Datasheet
1,004Kb / 9P
   N-Channel 150 V (D-S) MOSFET
More results

Similar Description - UF5N15ZL-TN3-T

ManufacturerPart #DatasheetDescription
logo
Shenzhen Foster Semicon...
FIR120N15PG FOSTER-FIR120N15PG Datasheet
2Mb / 6P
   150V N-Channel Power Mosfet
logo
Taiwan Semiconductor Co...
TSM15N15 TSC-TSM15N15 Datasheet
89Kb / 4P
   150V N-Channel Power MOSFET
logo
Unisonic Technologies
20N15 UTC-20N15 Datasheet
187Kb / 4P
   20A, 150V N-CHANNEL POWER MOSFET
UF6N15Z UTC-UF6N15Z Datasheet
144Kb / 3P
   6A, 150V N-CHANNEL POWER MOSFET
40N15 UTC-40N15 Datasheet
151Kb / 3P
   40A, 150V N-CHANNEL POWER MOSFET
60N15 UTC-60N15 Datasheet
134Kb / 3P
   60A, 150V N-CHANNEL POWER MOSFET
20N15V UTC-20N15V Datasheet
144Kb / 4P
   20A, 150V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
   150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
   150V N-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com