Electronic Components Datasheet Search |
|
DF11C-18DP-2V57 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers |
|
DF11C-18DP-2V57 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers |
11 / 14 page 113 DF11 Seriesq2mm Double-Row Connector (Product Compliant to UL/CSA Standard) sCrimping Contact for Socket qApplicable Wire (Tin Plated Annealed Copper Wire) AWG 22 (17pcs./0.16mm) AWG 24 (11pcs./0.16mm) AWG 26 (7pcs./0.16mm) AWG 28 (7pcs./0.127mm) AWG 30 (7pcs./0.1mm) Ø1.2 to Ø1.45mm Ø0.9 to Ø1.45mm Ø0.75 to Ø1.2mm Jacket Diameter Conductor Size (Wire Structure) sCrimping Contact for In-line Plug Note1: If other wires are used than the applicable wire, consult the HRS sales department. Note2: DF11-22SCF/SC/SCFA/SCA is for UL1061. qRecommended Wire UL1061, UL1007 (Note 2.) qStrip Length 1.7 to 2.3mm Note1: DF11A-2428SCF/SC is of tin plated low insertion/extraction type. Part Number CL No. DF11-22SCF DF11-22SC DF11-2428SCF DF11-2428SC DF11A-2428SCF DF11A-2428SC DF11-30SCF DF11-30SC DF11-22SCFA(04) DF11-22SCA DF11-2428SCFA(04) DF11-2428SCA DF11-30SCFA(04) DF11-30SCA 543-0601-0 543-0602-2 543-0500-2 543-0501-5 543-0634-9 543-0635-1 543-0605-0 543-0606-3 543-0603-5-04 543-0604-8 543-0550-0-04 543-0551-3 543-0607-6-04 543-0608-9 Reel contact Bulk contact Reel contact Bulk contact Reel contact Bulk contact Reel contact Bulk contact Reel contact Bulk contact Reel contact Bulk contact Reel contact Bulk contact 10000 pcs. per reel 100 pcs. per bag 10000 pcs. per reel 100 pcs. per bag 10000 pcs. per reel 100 pcs. per bag 10000 pcs. per reel 100 pcs. per bag 10000 pcs. per reel 100 pcs. per bag 10000 pcs. per reel 100 pcs. per bag 10000 pcs. per reel 100 pcs. per bag Type Quantity Tin plated Gold plated Finish Part Number CL No. DF11EP2428PCF DF11EP2428PC DF11EP2428PCFA DF11-EP2428PCA 543-0615-4 543-0616-7 543-0617-0 543-0618-2 Reel contact Bulk contact Reel contact Bulk contact 10000 pcs. per reel 100 pcs. per bag 10000 pcs. per reel 100 pcs. per bag Type Quantity Tin plated Gold plated Finish qApplicable Wire (Tin Plated Annealed Copper Wire) AWG 24 (11pcs./0.16mm) AWG 26 (7pcs./0.16mm) AWG 28 (7pcs./0.127mm) Ø0.9 to Ø1.45mm Jacket Diameter Conductor Size (Contact Wire Structure) Note1: If other wires are used than the applicable wire, consult the HRS sales department. qRecommended Wire UL1061, UL1007 qStrip Length 1.9 to 2.3mm Note: If any trouble has occurred due to tools other than the designated tool, Hirose bears no respoisibility for any trouble. sApplicable Crimping Tool Part Number Type CL No. AP105-DF11-22S AP105-DF11-2428S AP105-DF11-30S AP105-DF11-EP2428P CM-105 DF11-TA22HC DF11-TA2428HC DF11-TA30HC DF11EP-TA2428HC DF-C-PO(B) Applicator Press Unit Hand Crimping Tool Extraction Tool 901-4529-7 901-4511-1 901-4532-1 901-4528-4 901-0005-4 550-0228-6 550-0197-4 550-0230-8 550-0227-3 550-0179-2 DF11A-22SCF/SCFA(04) DF11A-2428SCF/SCFA(04) DF11A-2428SCF DF11A-30SCF/SCFA(04) DF11A-EP2428PCF/PCFA ––––––––––––––––––– DF11A-22SC/SCA DF11A-2428SC/SCA DF11A-2428SC DF11A-30SC/SCA DF11A-EP2428PC/PCA DF11A-****SCF DF11A-EP****PCF Applicable Contact The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. |
Similar Part No. - DF11C-18DP-2V57 |
|