Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1070C Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

Part # D1070C
Description  Standard Recovery Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

D1070C Datasheet(HTML) 6 Page - Nell Semiconductor Co., Ltd

  D1070C Datasheet HTML 1Page - Nell Semiconductor Co., Ltd D1070C Datasheet HTML 2Page - Nell Semiconductor Co., Ltd D1070C Datasheet HTML 3Page - Nell Semiconductor Co., Ltd D1070C Datasheet HTML 4Page - Nell Semiconductor Co., Ltd D1070C Datasheet HTML 5Page - Nell Semiconductor Co., Ltd D1070C Datasheet HTML 6Page - Nell Semiconductor Co., Ltd D1070C Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.19 Thermal lmpedance R
characteristics
thJ-hs
Square wave pulse duration (s)
100
0.1
0.01
0.001
0.001
0.01
0.1
1
Steady State Value
(Single side cooled)
R
(DC) = 0.073 K/W
thJ-hs
(Double side cooled)
R
(DC) = 0.031 K/W
thJ-hs
(DC Operation)
10
D1070C Series
ORDERING INFORMATION TABLE
1
-
for standard recovery diode
"D"
2
-
Maximum average forward current,
for 1070A
"1070"
3
Device code
1070
D
C
40
1
2
3
4
-
Case style : "C" for Nell's C-type Capsule, DO-200AB (B-PUK)
-
Voltage code, code x 100 = VRRM
4
Page 6 of 7
www.nellsemi.com


Similar Part No. - D1070C

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
893Kb / 7P
   Standard Recovery Diodes
D1070C36 NELLSEMI-D1070C36 Datasheet
893Kb / 7P
   Standard Recovery Diodes
D1070C40 NELLSEMI-D1070C40 Datasheet
893Kb / 7P
   Standard Recovery Diodes
D1070C45 NELLSEMI-D1070C45 Datasheet
893Kb / 7P
   Standard Recovery Diodes
D1070C50 NELLSEMI-D1070C50 Datasheet
893Kb / 7P
   Standard Recovery Diodes
More results

Similar Description - D1070C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com