Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D5B5013 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part No. D5B5013
Description  Detects Objects in Multiple Directions with High Sensitivity, Ideal for Robotics
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

D5B5013 Datasheet(HTML) 3 Page - Omron Electronics LLC

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
D5B
M8 Type
M10 Type
Note: 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
2. The threads of the case are not standard; 0.5-mm pitch. Therefore standard tapping to the case is not possible for mounting.
13
(15)
Resin plunger
7 dia.
(Ball 3.5R)
3.5
(Rising part of the ball)
2.5
Clamping nut
Toothed lock washer
*
16.7
7.3
4
(28)
* Operating characteristics (X, Y) measuring position
(see note 2)
M8
× 0.5
S-FLEX V-HKCVV
equal level, 3 dia.
0.08 mm2 Two conductors
D5B-801
@
13
(15)
Resin plunger
7 dia.
0.8R
1
2.5
Clamping nut
Toothed lock washer
*
16.7
7.3
8.5
(32.5)
* Operating characteristics (X, Y) measuring position
(see note 2)
M8
× 0.5
S-FLEX V-HKCVV
equal level, 3 dia.
0.08 mm2 Two conductors
D5B-802
@
13
(15)
Stainless
steel wire
7 dia. 3.9 dia.
5
2.5
Clamping nut
Toothed lock washer
*
16.7
7.3
(92.8)
3
0.6
dia.
* Operating characteristics (X, Y) measuring position
(see note 2)
M8
× 0.5
68.8±2
11.8±2
S-FLEX V-HKCVV
equal level, 3 dia.
0.08 mm2 Two conductors
D5B-851
@
13
15
18 dia.
Resin plunger
9 dia.
Ball 4.5R
4.5
(Rising part of the ball)
2.5
5.5
7.3
Clamping nut
Toothed lock washer
20.5
(33.3)
*
* Operating characteristics (X, Y) measuring position
(see note 2)
M10
× 0.5
S-FLEX V-HKCVV
equal level, 3 dia.
0.08 mm2 Two conductors
D5B-101
@
13
15
18 dia.
Stainless
steel wire
9 dia. 4.6 dia.
0.6
dia.
55
13.3
2.5
83.3
7.3
Clamping nut
Toothed lock washer
20.5
(111.1)
*
* Operating characteristics (X, Y) measuring position
(see note 2)
M10
× 0.5
S-FLEX V-HKCVV
equal level, 3 dia.
0.08 mm2 Two conductors
D5B-151
@
13
15
18 dia.
Resin plunger
9 dia.
0.9R
2.5
11.5
7.3
Clamping nut
Toothed lock washer
20.5
(39.3)
*
1
* Operating characteristics (X, Y) measuring position
(see note 2)
M10
× 0.5
S-FLEX V-HKCVV
equal level, 3 dia.
0.08 mm2 Two conductors
D5B-102
@
13
15
18 dia.
Stainless
steel wire
9 dia. 4.6 dia.
0.6
dia.
55
33.3
2.5
83.3
7.3
Clamping nut
Toothed lock washer
20.5
(111.1)
*
* Operating characteristics (X, Y) measuring position
(see note 2)
M10
× 0.5
S-FLEX V-HKCVV
equal level, 3 dia.
0.08 mm2 Two conductors
D5B-153
@


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn